Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5933F Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5933F
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933F Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5933F Datasheet HTML 5Page - Maxim Integrated Products MAX5933F Datasheet HTML 6Page - Maxim Integrated Products MAX5933F Datasheet HTML 7Page - Maxim Integrated Products MAX5933F Datasheet HTML 8Page - Maxim Integrated Products MAX5933F Datasheet HTML 9Page - Maxim Integrated Products MAX5933F Datasheet HTML 10Page - Maxim Integrated Products MAX5933F Datasheet HTML 11Page - Maxim Integrated Products MAX5933F Datasheet HTML 12Page - Maxim Integrated Products MAX5933F Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
_______________________________________________________________________________________
9
Detailed Description
The MAX5933_ and MAX5947_ are fully integrated hot-
swap controllers for positive supply rails. The devices
allow for the safe insertion and removal of circuit cards
into live backplanes without causing glitches on the
backplane power-supply rail. During startup, the
MAX5933_ and MAX5947_ act as current regulators
using an external sense resistor and a MOSFET to limit
the amount of current drawn by the load.
The MAX5933_ operate from a +33V to +80V supply
voltage range and have a default undervoltage lockout
(UVLO) set to +31V. The MAX5947_ operate from a
+9V to +80V supply voltage range and have a default
UVLO set to +8.3V. The UVLO threshold is adjustable
using a resistive divider connected from VCC to ON to
GND (see Figure 5).
The MAX5933_ and MAX5947_ monitor the input volt-
age, the output voltage, the output current, and the die
temperature. These devices feature power-good outputs
(PWRGD/PWRGD) to indicate the status of the output
voltage by monitoring the voltage at FB (see the Power-
Good Detection section).
As shown in Figure 5, a sense resistor is connected
between VCC and SENSE to regulate the voltage
across the sense resistor (VIN - VSENSE) to 47mV when
the voltage at FB
≥ 0.5V. The current-limit threshold
(VSENSETRIP) decreases linearly from 47mV to 12mV as
FB decreases from 0.5V to 0V.
An undervoltage fault is detected when ON goes below
the threshold (VONL = 1.233V) and the voltage at GATE
goes low as a result to turn off the MOSFET. ON must
pass the VONH = 1.313V threshold to turn on the
MOSFET again.
R6
1k
5%
C1
10nF
D1
CMPZ5248B
Q1
IRF530
R5
10
5%
RSENSE
0.025
R3
59k
1%
R4
3.57k
1%
R7
24k
5%
CL
R2
3.4k
1%
R1
49.9k
1%
C2
0.68
µF
MAX5933A
PWRGD
GND
VIN
24V
TIMER
ON
PWRGD
FB
GND
VCC
SENSE
GATE
5
1
3
2
4
87
6
0.1
µF
Figure 5. Application Circuit


Similar Part No. - MAX5933F

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5933F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com