Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5947A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5947A
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5947A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5947A Datasheet HTML 2Page - Maxim Integrated Products MAX5947A Datasheet HTML 3Page - Maxim Integrated Products MAX5947A Datasheet HTML 4Page - Maxim Integrated Products MAX5947A Datasheet HTML 5Page - Maxim Integrated Products MAX5947A Datasheet HTML 6Page - Maxim Integrated Products MAX5947A Datasheet HTML 7Page - Maxim Integrated Products MAX5947A Datasheet HTML 8Page - Maxim Integrated Products MAX5947A Datasheet HTML 9Page - Maxim Integrated Products MAX5947A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +48V, TA = +25°C, unless otherwise noted.)
TIMER PULLUP CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-85
-80
-75
-70
-65
-60
-90
-40
85
MAX5933_
TIMER PULLUP CURRENT vs. VCC
VCC (V)
-78
-77
-76
-75
-74
-73
-79
40
50
60
70
30
80
TA = +25
°C
TA = +85
°C
TA = -40
°C
TA = 0
°C
MAX5947_
TIMER PULLUP CURRENT vs. VCC
VCC (V)
70
60
50
40
30
20
10
-78
-77
-76
-75
-74
-73
-79
080
TA = +25
°C
TA = +85
°C
TA = -40
°C
TA = 0
°C
ON HIGH-VOLTAGE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.293
1.303
1.313
1.323
1.333
1.343
1.283
-40
85
ON LOW-VOLTAGE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.215
1.225
1.235
1.245
1.255
1.265
1.205
-40
85
ON HYSTERESIS vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.075
0.077
0.079
0.081
0.083
0.073
-40
85
SENSE REGULATION VOLTAGE vs. VFB
VFB (V)
0.8
0.6
0.4
0.2
5
10
15
20
25
30
35
40
45
50
0
0
1.0
PWRGD VOUT LOW vs. ILOAD
ILOAD (mA)
70
50
30
2
4
6
8
10
12
14
16
18
20
0
10
90
TA = +85
°C TA = +25°C
TA = -40
°C


Similar Part No. - MAX5947A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940A-MAX5940B MAXIM-MAX5940A-MAX5940B Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
More results

Similar Description - MAX5947A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com