Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7451 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7451
Description  Video-Signal Conditioners with AGC and Back-Porch Clamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7451 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7451 Datasheet HTML 1Page - Maxim Integrated Products MAX7451 Datasheet HTML 2Page - Maxim Integrated Products MAX7451 Datasheet HTML 3Page - Maxim Integrated Products MAX7451 Datasheet HTML 4Page - Maxim Integrated Products MAX7451 Datasheet HTML 5Page - Maxim Integrated Products MAX7451 Datasheet HTML 6Page - Maxim Integrated Products MAX7451 Datasheet HTML 7Page - Maxim Integrated Products MAX7451 Datasheet HTML 8Page - Maxim Integrated Products MAX7451 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Video-Signal Conditioners with AGC and
Back-Porch Clamp
4
_______________________________________________________________________________________
Typical Operating Characteristics
VSUPPLY = ±5V ±5% (MAX7450), VSUPPLY = ±3.3V ±5% (MAX7451), VSUPPLY = +5V ±5% (MAX7452), RL= 150
Ω to GND, CL = 0 to
20pF, GSET = 1, AGCD = 1. TA = +25
°C, unless otherwise noted.
GROUP DELAY vs. FREQUENCY
FREQUENCY (MHz)
1
20
30
40
50
60
10
0.1
10
2T RESPONSE
MAX7450 toc02
t = 200ns/div
IN
200mV/div
OUT
200mV/div
DIFFERENTIAL GAIN
1st
3rd
2nd
4th
5th
6th
0.2
0.4
0
-0.2
-0.4
0.2
0.1
0.3
0
-0.2
-0.1
-0.3
DIFFERENTIAL PHASE
1st
3rd
2nd
4th
5th
6th
PASSBAND AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
1
-8
-6
-4
-2
0
2
4
6
8
-10
0.1
10
GAIN = 2V / V
GAIN = 1V / V
AMPLITUDE vs. FREQUENCY
FREQUENCY (MHz)
110
-70
-60
-50
-40
-30
-20
-10
0
10
0.1
100
GAIN = 1V / V
GAIN = 2V / V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
27
29
31
33
35
25
-40
85
MAX7450
BACK-PORCH VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-5
-4
-3
-2
-1
0
-6
-40
85
MAX7450


Similar Part No. - MAX7451

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX745 MAXIM-MAX745 Datasheet
91Kb / 8P
   Switch-Mode Lithium-Ion Battery-Charger
19-1182; Rev 2; 12/98
MAX745 MAXIM-MAX745 Datasheet
600Kb / 4P
   Charges One to Four Li-Ion Cells
Rev 3; 9/03
MAX7452 MAXIM-MAX7452 Datasheet
95Kb / 4P
   MAX7452 Evaluation Kit
Rev 0; 9/04
MAX7452EVKIT MAXIM-MAX7452EVKIT Datasheet
95Kb / 4P
   MAX7452 Evaluation Kit
Rev 0; 9/04
MAX7453 MAXIM-MAX7453 Datasheet
166Kb / 5P
   Triple-Channel Video Reconstruction Filter and Buffer for Composite and Y/C Outputs
Rev 0; 6/05
More results

Similar Description - MAX7451

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7438 MAXIM-MAX7438 Datasheet
386Kb / 10P
   Triple-Channel Video Reconstruction Filters with Back-Porch Clamp to GND
Rev 0; 4/03
logo
M-System Co.,Ltd.
M6SCTC MSYSTEM-M6SCTC Datasheet
139Kb / 4P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPS1 MSYSTEM-M6SPS1 Datasheet
134Kb / 3P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SWVS MSYSTEM-M6SWVS Datasheet
144Kb / 4P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SYV MSYSTEM-M6SYV Datasheet
141Kb / 3P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SPS2 MSYSTEM-M6SPS2 Datasheet
135Kb / 3P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SDY MSYSTEM-M6SDY Datasheet
147Kb / 4P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXU MSYSTEM-M6SXU Datasheet
173Kb / 6P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXT MSYSTEM-M6SXT Datasheet
177Kb / 5P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
M6SXM MSYSTEM-M6SXM Datasheet
162Kb / 4P
   Tension-Clamp Ultra-Slim Signal Conditioners M6S Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com