Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C01-3PA Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C01-3PA
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C01-3PA Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C01-3PA Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C01-3PA Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
PIN DESCRIPTIONS
A0-A2
Address Inputs
SDA
Serial Address/Data I/O
SCL
Serial Clock Input
WP
Write Protect Input
Vcc
Power Supply
GND
Ground
SCL
This input clock pin is used to synchronize the data
transfer to and from the device.
SDA
TheSDAisaBi-directionalpinusedtotransferaddressesanddata
intoandoutofthedevice. TheSDApinisanopendrainoutputand
can be wire-Ored with other open drain or open collector outputs.
The SDA bus requires a pullup resistor to Vcc.
A0, A1, A2
TheA0,A1andA2arethedeviceaddressinputs.TheIS24C01and
IS24C02 use the A0, A1, and A2 for hardware addressing and a
total of 8 devices may be used on a single bus system.
PIN CONFIGURATION
8-Pin DIP and SOIC
8 Pin TSSOP (1K, 2K, 4K and 8K)
8-Pin MSOP (1K, 2K)
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
The IS24C04 uses A1 and A2 pins for hardwire addressing and
a total of four devices may be addressed on a single bus system.
The A0 pin is not used by IS24C04. This pin can be left floating
or tied to GND or Vcc.
The IS24C08 only use A2 input for hardwire addressing and a
total of two devices may be addressed on a single bus system.
The A0 and A1 pins are not used by IS24C08. They may be left
floating or tied to either GND or Vcc.
These pins are not used by IS24C16. A0 and A1 may be left
floating or tied to either GND or Vcc. A2 should be tied to either
GND or Vcc.
WP
WP is the Write Protect pin. On the 24C01, 24C02, IS24C04
and 24C08, if the WP pin is tied to VCC the entire array
becomes Write Protected (Read only). On the 24C16, if the
WP pin is tied to Vcc the upper half array becomes Write
Protected (Read only). When WP is tied to GND or left
floating normal read/write operations are allowed to the
device.


Similar Part No. - IS24C01-3PA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01-3P ISSI-IS24C01-3P Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01-3PI ISSI-IS24C01-3PI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C01-3PA

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com