Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8557ETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8557ETE
Description  PLASTIC ENCAPSULATED DEVICES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8557ETE Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX8557ETE Datasheet HTML 1Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 2Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 3Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 4Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 5Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 6Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 7Page - Maxim Integrated Products MAX8557ETE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DOCUMENT I.D.
06-6240
REVISION B
MAXIM TITLE: BI Circuit: MAX8556/8557 (PN29Z)
PAGE
2
DEVICES: MAX 8556/7 (PN29Z)
PACKAGE: 16-QFN (5x5) THIN
MAX. EXPECTED CURRENT = 20mA
DRAWN BY: TEK TAN
NOTES: Ave. expected current = 8mA
ONCE PER SOCKET
ONCE PER BOARD
1
2
16
4
5
6
7
8
12
11
10
9
3
13
14
15
+3.3V
1 OHM
20uF
150
OHM
20uF
25K
25K
IN
IN
IN
IN
IN
IN
OUT
OUT
OUT
OUT
OUT
POK
FB
G
N/C
EN
Reserver space for R4 next to IC value TBD (around 150 Ohms.
Both input and output caps are ceramic and close to chip.
3.3V in and 135 degree ambient temp.
Junction temp is 150 degrees.
TQFN = 47 degree/W. Power dissipation < 0.31W.
R2
R3
R4


Similar Part No. - MAX8557ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8557ETE MAXIM-MAX8557ETE Datasheet
228Kb / 11P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 0; 4/04
MAX8557ETE++ MAXIM-MAX8557ETE+ Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
More results

Similar Description - MAX8557ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com