Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8556ETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8556ETE
Description  4A Ultra-Low-Input-Voltage LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8556ETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8556ETE Datasheet HTML 1Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 2Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 3Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 4Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 5Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 6Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 7Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 8Page - Maxim Integrated Products MAX8556ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4A Ultra-Low-Input-Voltage
LDO Regulators
_______________________________________________________________________________________
3
Note 2: Specifications to -40
°C are guaranteed by design and not production tested.
Note 3: Minimum supply voltage for output accuracy must be at least 1.425V.
ELECTRICAL CHARACTERISTICS (continued)
(VEN = VIN = 1.8V, VOUT = 1.5V, IOUT = 2mA, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted. Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POK Output Current, High
VPOK = 3.6V VFB = 0.5
0.001
1µA
POK Delay Time
From FB rising to POK high
25
50
100
µs
EN
EN rising
1.25
Enable Input Threshold
VIN = 1.425V to 3.6V
EN falling
0.4
V
Enable Input Bias Current
VEN = 0V or 3.6V
-1
+1
µA
THERMAL SHUTDOWN
TJ rising
+160
Thermal-Shutdown Threshold
Output on and off
TJ falling
+115
°C
POR
FB Power-On Reset Fault Threshold
FB falling, VIN = 1.425V to 3.6V, 10mV hysteresis
440
450
460
mV
POR Output Voltage, Low
VFB = 0.4V, IPOR = 2mA
25
200
mV
POR Output Current, High
VPOR = 3.6V, VFB = 0.5V
0.001
1µA
POR Rising Delay Time
FB rising to POR high impedance
100
140
200
ms
SOFT-START
Soft-Start Time
100
µs
Typical Operating Characteristics
(VEN = VIN = +1.8V, VOUT = +1.5V, IOUT = 4A, COUT = 20µF, CIN = 20µF, and TA = +25°C, unless otherwise noted.)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.0
2.4
1.8
1.35
1.40
1.45
1.50
1.55
1.30
1.2
3.6
TA = -25
°C
TA = -40
°C
TA = -85
°C
ILOAD = 2A
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
3
2
1
1.4980
1.4985
1.4990
1.4995
1.5000
1.5005
1.5010
1.5015
1.5020
1.5025
1.4975
04
TA = -40
°C
TA = +85
°C
TA = +25
°C
GND CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.4
1.2
100
200
300
400
500
600
700
800
900
1000
0
0
3.6
ILOAD = 4A
ILOAD = 2A
ILOAD = 0A


Similar Part No. - MAX8556ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8556ETE MAXIM-MAX8556ETE Datasheet
165Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A July 19, 2004
MAX8556ETE++ MAXIM-MAX8556ETE+ Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
MAX8556ETE/V++ MAXIM-MAX8556ETE/V+ Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
More results

Similar Description - MAX8556ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8556 MAXIM-MAX8556_09 Datasheet
222Kb / 10P
   4A Ultra-Low-Input-Voltage LDO Regulators
Rev 2; 8/09
logo
Torex Semiconductor
XC6601 TOREX-XC6601 Datasheet
248Kb / 11P
   Low Voltage Input LDO Voltage Regulators
XC6601 TOREX-XC6601_1 Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
STMicroelectronics
LD56020 STMICROELECTRONICS-LD56020 Datasheet
1Mb / 23P
   Low input voltage, 200 mA ultra-low noise LDO
Rev 1 - March 2022
logo
Richtek Technology Corp...
RT9094A RICHTEK-RT9094A Datasheet
248Kb / 15P
   2A Ultra-Low Dropout Voltage LDO Regulators with Soft-Start
January 2022
logo
Texas Instruments
TPS7225Q TI-TPS7225Q Datasheet
581Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q_07 Datasheet
626Kb / 37P
[Old version datasheet]   MICROPOWER LOW-DROPOUT (LDO) VOLTAGE REGULATORS
TPS7201Q TI-TPS7201Q Datasheet
623Kb / 36P
[Old version datasheet]   MICROPOWER LOW-DROPOUT LDO VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com