Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8808Y Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8808Y
Description  1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8808Y Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8808Y Datasheet HTML 2Page - Maxim Integrated Products MAX8808Y Datasheet HTML 3Page - Maxim Integrated Products MAX8808Y Datasheet HTML 4Page - Maxim Integrated Products MAX8808Y Datasheet HTML 5Page - Maxim Integrated Products MAX8808Y Datasheet HTML 6Page - Maxim Integrated Products MAX8808Y Datasheet HTML 7Page - Maxim Integrated Products MAX8808Y Datasheet HTML 8Page - Maxim Integrated Products MAX8808Y Datasheet HTML 9Page - Maxim Integrated Products MAX8808Y Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
1A Linear Li+ Battery Chargers with Integrated Pass
FET and Thermal Regulation in 2mm x 2mm TDFN
6
_______________________________________________________________________________________
Detailed Description
The MAX8808X/MAX8808Y/MAX8808Z chargers use
voltage, current, and thermal-control loops to charge a
single Li+ cell and protect the battery (Figure 1). When
a Li+ battery with a cell voltage below 2.5V is inserted,
the MAX8808X charger enters the prequalification
stage where it precharges that cell with 10% of the
user-programmed fast-charge current (Figure 2). The
CHG indicator output is driven low to indicate entry into
the prequalification state. When battery voltage
exceeds 2.5V, the charger soft-starts as it enters the
fast-charge stage. In the MAX8808X/MAX8808Y/
MAX8808Z, the fast-charge current level is pro-
grammed through a resistor from ISET to GND. As the
battery voltage approaches 4.2V, the charging current
is reduced. If the battery current drops to less than
10% of the fast-charging current, the CHG indicator
goes high impedance, signaling that the battery is fully
charged. The ICs then enter a constant voltage-regula-
tion mode to maintain the battery at full charge.
MAX8808X
MAX8808Y
MAX8808Z
IN
ISET
VL
IREF
CHG
EN (MAX8808Y)
GND
BATT
1
µF
ACOK
TEMP
SENSOR
OUTPUT DRIVER, CURRENT
SENSE, AND LOGIC
VL
REF OK
0.47
µF
100k
2.8k
VI/O
1
µF
4.25V TO 15V
OVP
UVLO
LOGIC
IN
ON
VREF
+115
°C
BATT
IN
IN
REF
N
100k
VI/O
EN
(MAX8808X/
MAX8808Z)
200k
Figure 1. Functional Diagram


Similar Part No. - MAX8808Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8808YETA++ MAXIM-MAX8808YETA+ Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
More results

Similar Description - MAX8808Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
MAX1507 MAXIM-MAX1507 Datasheet
220Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 1; 11/03
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
logo
Linear Technology
LTC4059 LINER-LTC4059_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4059A LINER-LTC4059A_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
logo
TECHCODE SEMICONDUCTOR,...
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
   1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com