Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5933EESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5933EESA
Description  Positive High-Voltage, Hot-Swap Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933EESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5933EESA Datasheet HTML 7Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 8Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 9Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 10Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 11Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 12Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 13Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 14Page - Maxim Integrated Products MAX5933EESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
______________________________________________________________________________________
11
TIMER
TIMER provides a method for programming the maxi-
mum time the device is allowed to operate in current
limit. When the current-limit circuitry is not active,
TIMER is pulled to GND by a 3µA current source. After
the current-limit circuit becomes active, an 80µA pullup
current source is connected to TIMER, and the voltage
rises with a slope equal to 77µA/CTIMER, as long as the
current-limit circuit remains active. Once the desired
maximum current-limit time is chosen, the capacitor
value is:
C(nF) = 65 x t(ms)
or
TLIMIT = (CTIMER/80µA) x 1.233V
When the current-limit circuit turns off, TIMER is dis-
charged to GND by the 3µA current source.
Whenever TIMER reaches 1.233V, the internal fault
latch is set. GATE is immediately pulled to GND and
TIMER is pulled back to GND by the 3µA current
source. When TIMER falls below 0.5V, ON is pulsed low
to reset the internal fault latch.
The waveform in Figure 9 shows how the output latches
off following a short circuit. The drop across the sense
resistor is held at 12mV as the timer ramps up. Since
the output did not rise, FB remains below 0.5V and the
circuit latches off. For Figure 9, CT = 100nF.
Undervoltage and Overvoltage Detection
ON can be used to detect an undervoltage condition at
the power-supply input. ON is internally connected to
an analog comparator with 80mV of hysteresis. If ON
falls below its threshold voltage (1.233V), GATE is
pulled low and is held low until ON is high again.
Figure 10 shows an overvoltage detection circuit. When
the input voltage exceeds the Zener diode’s breakdown
voltage, D1 turns on and starts to pull TIMER high. After
TIMER is pulled higher than 1.233V, the fault latch is set
and GATE is pulled to GND immediately, turning off
transistor Q1 (see Figure 11). Operation is restored
either by interrupting power or by pulsing ON low.
Power-Good Detection
The MAX5933_/MAX5947_ include a comparator for mon-
itoring the output voltage. The noninverting input (FB) is
compared against an internal 1.233V precision reference
and exhibits 80mV hysteresis. The comparator’s output
(PWRGD) is open drain and capable of operating from a
pullup as high as 80V. The PWRGD is similar to PWRGD
with an opposite polarity (active low) output.
The PWRGD (PWRGD) can be used to directly
enable/disable a power module with an active-high
enable input. Figure 12 shows how to use PWRGD to
control an active-low enable-input power module. Signal
inversion is accomplished by transistor Q2 and R7.
Supply Transient Protection
The MAX5933_/MAX5947_ are 100% tested and guar-
anteed to be safe from damage with supply voltages
up to 80V. However, spikes above 85V may damage
the device. During a short-circuit condition, the large
change in currents flowing through the power-supply
traces can cause inductive voltage spikes which could
exceed 85V. To minimize the spikes, the power-trace
parasitic inductance should be minimized by using
wider traces or heavier trace plating and a 0.1µF
bypass capacitor placed between VCC and GND. A
transient voltage suppressor (TVS) at the input can also
prevent damage from voltage surges.
RESPONSE TIME TO OVERCURRENT
VCC - VSENSE (mV)
200
100
2
4
6
8
10
12
14
0
0300
Figure 8. Response Time to Overcurrent
SHORT-CIRCUIT WAVEFORMS
ISENSE
1A/div
TIMER
1V/div
OUTPUT
50V/div
GATE
50V/div
10ms/div
Figure 9. Short-Circuit Waveforms


Similar Part No. - MAX5933EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930AEEG++ MAXIM-MAX5930AEEG+ Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930EEG MAXIM-MAX5930EEG Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
MAX5931A MAXIM-MAX5931A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
More results

Similar Description - MAX5933EESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4256-2 LINER-LT4256-2_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1 Datasheet
179Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1_15 Datasheet
219Kb / 16P
   Positive High Voltage Hot Swap Controllers
LT1641-1 LINER-LT1641-1_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT1641-2 LINER-LT1641-2_15 Datasheet
185Kb / 12P
   Positive High Voltage Hot Swap Controllers
LT4256-1 LINER-LT4256-1 Datasheet
271Kb / 16P
   Positive High Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com