Electronic Components Datasheet Search |
|
MAX5933FESA Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
MAX5933FESA Datasheet(HTML) 9 Page - Maxim Integrated Products |
9 / 15 page Positive High-Voltage, Hot-Swap Controllers _______________________________________________________________________________________ 9 Detailed Description The MAX5933_ and MAX5947_ are fully integrated hot- swap controllers for positive supply rails. The devices allow for the safe insertion and removal of circuit cards into live backplanes without causing glitches on the backplane power-supply rail. During startup, the MAX5933_ and MAX5947_ act as current regulators using an external sense resistor and a MOSFET to limit the amount of current drawn by the load. The MAX5933_ operate from a +33V to +80V supply voltage range and have a default undervoltage lockout (UVLO) set to +31V. The MAX5947_ operate from a +9V to +80V supply voltage range and have a default UVLO set to +8.3V. The UVLO threshold is adjustable using a resistive divider connected from VCC to ON to GND (see Figure 5). The MAX5933_ and MAX5947_ monitor the input volt- age, the output voltage, the output current, and the die temperature. These devices feature power-good outputs (PWRGD/PWRGD) to indicate the status of the output voltage by monitoring the voltage at FB (see the Power- Good Detection section). As shown in Figure 5, a sense resistor is connected between VCC and SENSE to regulate the voltage across the sense resistor (VIN - VSENSE) to 47mV when the voltage at FB ≥ 0.5V. The current-limit threshold (VSENSETRIP) decreases linearly from 47mV to 12mV as FB decreases from 0.5V to 0V. An undervoltage fault is detected when ON goes below the threshold (VONL = 1.233V) and the voltage at GATE goes low as a result to turn off the MOSFET. ON must pass the VONH = 1.313V threshold to turn on the MOSFET again. R6 1k Ω 5% C1 10nF D1 CMPZ5248B Q1 IRF530 R5 10 Ω 5% RSENSE 0.025 Ω R3 59k Ω 1% R4 3.57k Ω 1% R7 24k Ω 5% CL R2 3.4k Ω 1% R1 49.9k Ω 1% C2 0.68 µF MAX5933A PWRGD GND VIN 24V TIMER ON PWRGD FB GND VCC SENSE GATE 5 1 3 2 4 87 6 0.1 µF Figure 5. Application Circuit |
Similar Part No. - MAX5933FESA |
|
Similar Description - MAX5933FESA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |