Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW032DB55T6T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M58BW032DB55T6T
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032DB55T6T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M58BW032DB55T6T Datasheet HTML 6Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 7Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 8Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 9Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 10Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 11Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 12Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 13Page - STMicroelectronics M58BW032DB55T6T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
10/60
Block Protection
The M58BW032B features four different levels of
block protection. The M58BW032D has the same
block protection with the exception of the Tuning
Block Protection, which is disabled in the factory.
Write Protect Pin, WP, - When WP is Low,
VIL, the protection status that has been
configured in the Block Protection
Configuration Register is activated. The Block
Protection Configuration Register is volatile.
Any combination of blocks is possible. Any
attempt to program or erase a protected block
will be ignored and will return an error in the
Status Register (see Table 11., Status
Register Bits).
Reset/Power-Down Pin, RP, - If the device is
held in reset mode (RP at VIL), no program or
erase operations can be performed on any
block.
Program/Erase Enable, VPEN, - VPEN
protects all blocks preventing Program and
Erase operations from affecting their data.
Program/Erase Enable must be kept High
(VIH) during all Program/Erase Controller
operations, otherwise the operations is not
guaranteed to succeed and data may become
corrupt.
Tuning Block Protection - M58BW032B
features a 64 bit password protection for
program and erase operations for a fixed
number of blocks After power-up or reset the
device is tuning protected. An Unlock
command is provided to allow program or
erase operations in all the blocks.
After a device reset the first two kinds of block pro-
tection (WP, RP) can be combined to give a flexi-
ble block protection. They do not affect the Tuning
Block Protection. When the two protections are
disabled, WP and RP at VIH, the blocks locked by
the Tuning Block Protection cannot be modified.
All blocks are protected at power-up.
Tuning Block Protection
The Tuning Block Protection is a software feature
to protect blocks from program or erase opera-
tions. It allows the user to lock program and erase
operations with a user definable 64 bit code. It is
only available on the M58BW032B version.
The code is written once in the Tuning Protection
Register and cannot be erased. When shipped the
flash memory will have the Tuning Protection
Code bits set to ‘1'. The user can program a ‘0’ in
any of the 64 positions. Once programmed it is not
possible to reset a bit to ‘1’ as the cells cannot be
erased. The Tuning Protection Register can be
programmed at any moment (after providing the
correct code), however once all bits are set to ‘0’
the Tuning Protection Code can no longer be al-
tered.
The Tuning Protection Code locks the program
and erase operations of all the blocks except for
blocks 12 and 13 for the bottom configuration, and
blocks 60 and 61 for the top configuration.
The tuning blocks are "locked" if the tuning protec-
tion code has not been provided, and “unlocked"
once the correct code has been provided. The tun-
ing blocks are locked after reset or power-up. The
tuning protection status can be monitored in the
Status Register. Refer to the Status Register sec-
tion.
Refer to the Command Interface section for the
Tuning Protection Block Unlock and Tuning Pro-
tection Program commands. See Appendix A, Fig-
ure 24, 25 and 26 for suggested flowcharts for
using the Tuning Block Protection commands.


Similar Part No. - M58BW032DB55T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BW032DB55T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com