Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MCR100
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR100 Datasheet(HTML) 4 Page - ON Semiconductor

  MCR100 Datasheet HTML 1Page - ON Semiconductor MCR100 Datasheet HTML 2Page - ON Semiconductor MCR100 Datasheet HTML 3Page - ON Semiconductor MCR100 Datasheet HTML 4Page - ON Semiconductor MCR100 Datasheet HTML 5Page - ON Semiconductor MCR100 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MCR100 Series
http://onsemi.com
4
Figure 1. Typical Gate Trigger Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
100
90
80
70
60
50
40
30
110
50
35
20
5
−10
−25
−40
Figure 2. Typical Gate Trigger Voltage versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
110
65
50
35
20
5
−10
−25
−40
0.8
0.7
0.6
0.5
0.4
0.3
0.2
20
10
0.9
1.0
95
80
65
95
80
DC
Figure 3. Typical Holding Current versus
Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
Figure 4. Typical Latching Current versus
Junction Temperature
10
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
120
110
100
90
80
70
60
50
0.5
0.4
0.3
0.2
0.1
0
Figure 6. Typical On−State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
3.5
3.2
2.3
2.0
1.7
1.4
1.1
0.8
0.5
1
0.1
40
10
95
80
TJ, JUNCTION TEMPERATURE (°C)
1000
100
110
65
50
35
20
5
−10
−25
−40
10
95
80
30
°
60
°
90
°
120
°
180
°
2.9
2.6
MAXIMUM @ TJ = 110°C
MAXIMUM @ TJ = 25°C


Similar Part No. - MCR100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
Taiwan Semiconductor Co...
MCR100 TSC-MCR100 Datasheet
210Kb / 3P
   Small Signal Diode
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
Rohm
MCR100 ROHM-MCR100 Datasheet
143Kb / 7P
   Thick Film Chip Resistors Automotive product is AEC-Q200 compliant.
More results

Similar Description - MCR100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com