Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3274SG Datasheet(PDF) 8 Page - Exar Corporation

Part # MP3274SG
Description  Fault Protected 32 Channel, 12-Bit Data Acquisition Subsystem
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP3274SG Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP3274SG Datasheet HTML 4Page - Exar Corporation MP3274SG Datasheet HTML 5Page - Exar Corporation MP3274SG Datasheet HTML 6Page - Exar Corporation MP3274SG Datasheet HTML 7Page - Exar Corporation MP3274SG Datasheet HTML 8Page - Exar Corporation MP3274SG Datasheet HTML 9Page - Exar Corporation MP3274SG Datasheet HTML 10Page - Exar Corporation MP3274SG Datasheet HTML 11Page - Exar Corporation MP3274SG Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP3274
8
Rev. 4.00
CS
WR
ADDRESS
Figure 1. Timing for ADC Channel Select Start Conversion
t 1
STL
ADEN
STS
DB0-DB11
RD = 0
DB0-DB11
RD = 1
HIGH Z
Previous ADC Data
New ADC Data
t 2
t 3
t 4
t 5
t 6
t 7
t 8
t 9
t 11
10
t
t 12
t 14
t 13
Table 3. ADC Read Timing
(
See Figure 2.)
25
°C
Tmin to
Tmax
Limits
Comments/Test Conditions
CS to RD Set-Up Time
t15
0
0
ns min
CS to RD Hold Time
t16
0
0
ns min
RD to Data Valid Delay
t17
100
150
ns max
Load ckt of
Figure 3., CL = 20 pF
150
200
ns max
Load ckt of
Figure 3., CL = 100 pF
Bus Relinquish Time after RD
t18
100
150
ns max
Load ckt of
Figure 4.
High
RD Pulse Width
t19
100
150
ns min
ADC Read Timing
Time
Interval
CS
RD
DATA
Figure 2. Timing for ADC Read
t 15
t 18
t 19
t 16
t
Valid
17


Similar Part No. - MP3274SG

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3275AE EXAR-MP3275AE Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AG EXAR-MP3276AG Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276AP EXAR-MP3276AP Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
More results

Similar Description - MP3274SG

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP3275 EXAR-MP3275 Datasheet
138Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
MP3276 EXAR-MP3276 Datasheet
170Kb / 16P
   Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
logo
Analog Devices
ADAQ7980 AD-ADAQ7980 Datasheet
1Mb / 49P
   16-Bit, 1 MSPS, Integrated Data Acquisition Subsystem
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
API Technologies Corp
HS9403 APITECH-HS9403 Datasheet
3Mb / 4P
   16-Channel, 12-Bit Data Acquisition System
logo
Burr-Brown (TI)
VECANA01 BURR-BROWN-VECANA01 Datasheet
329Kb / 17P
   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD1362 AD-AD1362_15 Datasheet
437Kb / 8P
   16 Channel 12 Bit Data Acquisition System
REV. A
logo
Texas Instruments
VECANA01 TI1-VECANA01_13 Datasheet
328Kb / 17P
[Old version datasheet]   10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Analog Devices
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com