Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-3RLG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MCR100-3RLG
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR100-3RLG Datasheet(HTML) 3 Page - ON Semiconductor

  MCR100-3RLG Datasheet HTML 1Page - ON Semiconductor MCR100-3RLG Datasheet HTML 2Page - ON Semiconductor MCR100-3RLG Datasheet HTML 3Page - ON Semiconductor MCR100-3RLG Datasheet HTML 4Page - ON Semiconductor MCR100-3RLG Datasheet HTML 5Page - ON Semiconductor MCR100-3RLG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR100 Series
http://onsemi.com
3
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
75
200
°C/W
Lead Solder Temperature
(
t1/16″ from case, 10 secs max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (Note 2)
TC = 25°C
(VD = Rated VDRM and VRRM; RGK = 1 kW)TC = 110°C
IDRM, IRRM
10
100
mA
ON CHARACTERISTICS
Peak Forward On−State Voltage*
(ITM = 1.0 A Peak @ TA = 25°C)
VTM
1.7
V
Gate Trigger Current (Continuous dc) (Note 3)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)
IGT
40
200
mA
Holding Current(2)
TC = 25°C
(VAK = 7.0 Vdc, Initiating Current = 20 mA)
TC = −40°C
IH
0.5
5.0
10
mA
Latch Current
TC = 25°C
(VAK = 7.0 V, Ig = 200 mA)
TC = −40°C
IL
0.6
10
15
mA
Gate Trigger Voltage (Continuous dc) (Note 3)
TC = 25°C
(VAK = 7.0 Vdc, RL = 100 W)TC = −40°C
VGT
0.62
0.8
1.2
V
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off−State Voltage
(VD = Rated VDRM, Exponential Waveform, RGK = 1000 W,TJ = 110°C)
dV/dt
20
35
V/
ms
Critical Rate of Rise of On−State Current
(IPK = 20 A; Pw = 10 msec; diG/dt = 1 A/msec, Igt = 20 mA)
di/dt
50
A/
ms
*Indicates Pulse Test: Pulse Width
≤ 1.0 ms, Duty Cycle ≤ 1%.
2. RGK = 1000 W included in measurement.
3. Does not include RGK in measurement.
+ Current
+ Voltage
VTM
IDRM at VDRM
IH
Symbol
Parameter
VDRM
Peak Repetitive Off State Forward Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Off State Reverse Voltage
IRRM
Peak Reverse Blocking Current
VTM
Peak on State Voltage
IH
Holding Current
Voltage Current Characteristic of SCR
Anode +
on state
Reverse Blocking Region
(off state)
Reverse Avalanche Region
Anode −
Forward Blocking Region
IRRM at VRRM
(off state)


Similar Part No. - MCR100-3RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-3RLG ONSEMI-MCR100-3RLG Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
logo
Kersemi Electronic Co.,...
MCR100-3RLG KERSEMI-MCR100-3RLG Datasheet
414Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - MCR100-3RLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com