Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMA30Z Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # MSMA30Z
Description  Minas A Series Digital AC Servo Motors & Drivers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA30Z Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button MSMA30Z Datasheet HTML 7Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 8Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 9Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 10Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 11Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 12Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 13Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 14Page - Panasonic Semiconductor MSMA30Z Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
Units: mm(in)
e
k
a
r
BL
L
LM
L1
B
KT
LS
R
LW
LK
LW
KH
KH
R
t
u
o
h
t
i
W
8
2
1
)
9
3
0
.
5
(
3
0
1
)
5
5
0
.
4
(
5
7
)
3
5
9
.
2
(
3
5
)
7
8
0
.
2
(
8
2
)
2
0
1
.
1
(
8
)
5
1
3
.
0
(
5
2
)
4
8
9
.
0
(
4
1
)
1
5
5
.
0
(
5
.
2
1
)
2
9
4
.
0
(
3
)
8
1
1
.
0
(
3
)
8
1
1
.
0
(
2
.
6
)
4
4
2
.
0
(
h
t
i
W
0
6
1
)
9
9
2
.
6
(
5
3
1
)
5
1
3
.
5
(
7
0
1
)
3
1
2
.
4
(
Dimensions
MSMA012ccc - 100W/200V
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale


Similar Part No. - MSMA30Z

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
   SMD current sensing resistor- metal strip
June 2022
logo
Astrodyne Corporation
MSMA-0100 ASTRODYNE-MSMA-0100 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0101 ASTRODYNE-MSMA-0101 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0102 ASTRODYNE-MSMA-0102 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
MSMA-0103 ASTRODYNE-MSMA-0103 Datasheet
934Kb / 5P
   10W Medical Grade Ultraminiature Switching Power Supplies
More results

Similar Description - MSMA30Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MDMA152 PANASONIC-MDMA152 Datasheet
234Kb / 5P
   Minas A Series Digital AC Servo Motors & Drivers
logo
MotionKing Motor Indust...
AS40 MOTIONKING-AS40 Datasheet
187Kb / 2P
   AC Servo Motors
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
AS90 MOTIONKING-AS90 Datasheet
156Kb / 2P
   AC Servo Motors
AS60 MOTIONKING-AS60 Datasheet
175Kb / 3P
   AC Servo Motors
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
   AC Servo Motors
AS80 MOTIONKING-AS80 Datasheet
154Kb / 2P
   AC Servo Motors
AS130 MOTIONKING-AS130 Datasheet
171Kb / 3P
   AC Servo Motors
AS180 MOTIONKING-AS180 Datasheet
164Kb / 3P
   AC Servo Motors
logo
Leadshine Technology Co...
ELVM LEADSHINE-ELVM Datasheet
735Kb / 3P
   ELVM Series Servo Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com