Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NECW008AT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NECW008AT
Description  NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NECW008AT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NECW008AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TYP.CHARACTERISTICS
Model
NECW008A
NICHIA CORPORATION Title
No.
030715311501
350
450
550
750
650
1.2
1
0.8
0.4
0.2
0
0.6
! Ambient Temperature vs.
Chromaticity Coordinate
! Directivity (NECW008A)
! Spectrum
! Forward Current vs.
Chromaticity Coordinate
Radiation Angle
x
Wavelength
λ (nm)
Ta=25°C
IF=15mA
Ta=25°C
IF=15mA
1
0.5
0
x
30°
0.5
90°
60°
1
10° 20°
30°
40°
50°
60°
70°
80°
90°
0.29
0.3
0.31
0.32 0.33 0.34
0.35
0.34
0.33
0.31
0.3
0.32
0.35
0.33
0.3
0.34
0.32
0.31
0.29
0.3
0.31
0.32 0.33 0.34
0°C
25°C
50°C
85°C
-30°C
IFP=15mA
5mA
50mA
80mA
1mA
15mA
Ta=25°C


Similar Part No. - NECW008AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NECW425BT NICHIA-NECW425BT Datasheet
290Kb / 13P
   TYPE WHITE LED
NECWB205T NICHIA-NECWB205T Datasheet
423Kb / 13P
   TYPE WHITE LED
More results

Similar Description - NECW008AT

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW109T NICHIA-NSSW109T Datasheet
309Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSCW100 NICHIA-NSCW100 Datasheet
367Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSW108T NICHIA-NSSW108T Datasheet
293Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
logo
List of Unclassifed Man...
NSSW440TVR ETC2-NSSW440TVR Datasheet
348Kb / 11P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NFSW036BT ETC1-NFSW036BT Datasheet
709Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
NSSW020AT ETC-NSSW020AT Datasheet
247Kb / 13P
   SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED
logo
NICHIA CORPORATION
NCSL119T-H1 NICHIA-NCSL119T-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100CT NICHIA-NSSL100CT Datasheet
346Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NSSL100DT NICHIA-NSSL100DT Datasheet
259Kb / 13P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
NCSL119AT-H1 NICHIA-NCSL119AT-H1 Datasheet
1Mb / 17P
   SPECIFICATIONS FOR NICHIA CHIP TYPE WARM WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com