Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU07-5101 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MU07-5101
Description  SUPER BRIGHT LED LIGHT BAR MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MU07-5101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MU07-5101 Datasheet HTML 1Page - List of Unclassifed Manufacturers MU07-5101 Datasheet HTML 2Page - List of Unclassifed Manufacturers MU07-5101 Datasheet HTML 3Page - List of Unclassifed Manufacturers MU07-5101 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
Characteristics by Shape
SUPER BRIGHT LED LIGHT BAR MODULE
Package Dimensions
unit : mm
fig.8
fig.9
fig.10
fig.11
Absolute Max. Rating
Power Dissipation
Pd
Electro-Optical Characteristics
Luminous Intensity
Iv
MIN.
TYP.
IF
fig.
Shape
Part No.
Emitted
Color
Resin
Color
Light
Emitting
Surface
(Outer Size)
No.
of
Chips
MU09-9101
MU09-9102
MU09-9103
MU11-2201
MU11-3201
MU11-4201
MU11-5201
MU13-9102
Units
8
20
φ 6
.4
(φ 7)
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
8
6
8
12
8
8
20
10
20
10
12
14
12
40
16
16
12
12
16
4
4
4
6
4
4
10
5
10
5
6
7
6
20
8
8
6
6
8
60
125
60
150
60
125
120
125
150
125
60
310
60
375
120
120
125
125
150
mW
1
2
1
2
1
2
2
2
2
2
1
5
1
5
2
2
2
2
2
pcs
Milky White
Milky White
Milky White
Red
Orange
Yellow
Milky White
Red
Milky White
Orange
Milky White
mm
Red
Orange
Yellow
Pure Green
Red
Yellow
Pure Green
Pure Green
Red
Yellow
Red
Orange
Green
Milky White
4.6
x9.5
(5.6
x10.5)
4
x12
(5
x13)
10
11
12
MU17-2101
MU17-2105
MU17-3101
MU17-3105
MU17-4101
MU17-4105
MU17-5101
MU17-5105
MU16-2101
MU16-2105
MU16-3101
MU16-3105
MU16-4101
MU16-4105
MU16-5101
MU16-5105
Yellow
Pure Green
Red
Orange
MU13-9101
Red
Pure Green
Red
Yellow
Red
Orange
Yellow
Milky White
Green
Milky White
Red
Milky White
Orange
Milky White
Yellow
Milky White
Green
Milky White
9
x9
(10.1
x10.1)
4
x19
(5
x20)
2
3
3
3
3
3
3
3
3
2
2
150
125
125
180
180
190
190
225
225
190
190
8
4
4
12
12
9
9
12
12
5
5
16
8
8
24
24
18
18
24
24
10
10
mcd
mA
20
20
20
20
20
20
20
20
20
20
20
9
Ta=25°C
Tolerance : ±0.25mm


Similar Part No. - MU07-5101

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MU0757AH MICRO-ELECTRONICS-MU0757AH Datasheet
72Kb / 2P
   LOW CURRENT GaAIAs RED LED DOT MATRIX DISPLAY
MU0757CH MICRO-ELECTRONICS-MU0757CH Datasheet
72Kb / 2P
   LOW CURRENT GaAIAs RED LED DOT MATRIX DISPLAY
More results

Similar Description - MU07-5101

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
   LED Light Bar
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
   LED LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
   LED LIGHT BAR
BL-AR1Z2005 BETLUX-BL-AR1Z2005 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AS1Z10 BETLUX-BL-AS1Z10 Datasheet
62Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S2 BETLUX-BL-AS1Z15S2 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AS1Z15S4 BETLUX-BL-AS1Z15S4 Datasheet
68Kb / 4P
   LED LIGHT BAR
BL-AR1Z1408 BETLUX-BL-AR1Z1408 Datasheet
68Kb / 5P
   LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com