Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP750C Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP750C
Description  NPN Pho totransistor with Base- Emitter Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP750C Datasheet(HTML) 2 Page - OPTEK Technologies

  OP750C Datasheet HTML 1Page - OPTEK Technologies OP750C Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OP750A, OP750B, OP750C, OP750D
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX UNITS
TEST CONDITIONS
IC(ON)
On-State Collector Current
OP750A
OP750B
OP750C
OP750D
2.25
1.50
0.85
0.85
7.00
4.20
2.80
7.00
mA
VCE = 5 V, Ee = 1 mW/cm
2(3)
EKP
Knee Point Irradiance
.03
mW/cm
2 VCE = 5 V(4)
ICEO
Collector-Emitter Dark Current
100
nA
VCE = 10 V, Ee = 0
IECO
Emitter-Reverse Current
100
µA
VEC = 0.4 V
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA
VCE(SAT)
Collector-Emitter Saturation Voltage
0.4
V
IC = 100
µA, Ee = 1 mW/cm2(3)
Typical Performance Curves
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
Normalized Collector Current
vs. Angular Displacement
q - Angluar Displacement - Deg.
Normalized Light and Dark
Current vs. Ambient Temperature
Ee - Irradiance - mW/cm2
On-State Collector Current
vs. Irradiance
Normalized Output vs.
Frequency
OP550
OP750
VCE = 5 V
LED: l= 935 nm
RL = 1KW
RL = 10KW
RL - Load Resistance - KW
Typical Rise and Fall Time vs.
Load Resistance
VCC = 5 V
VRL = 1 V
f = 100 Hz
PW = 1mS
Test Conditions:
Light source is pulsed LED with tr
and tf £ 500 ns.
IF is adjusted for VOUT = 1 Volt.
Switching Time
Test Circuit
120
105
90
75
60
45
30
15
0
TA - Ambient Temperature -
°C
100
10
1
.1
.01
.001
.0001
1
.1
10
.01
.00001
.001
1000
100
10
0.0
1
0.5
1.0
Light Current
Dark Current
Frequency - KHz
VR = 1 V
VCE = 5 V
50% Duty Cycle
LED:
l= 935 nm
0
2
4
6
8
10
8
LED = GaAIAs, l= 890 nm
VRL is voltage across RL


Similar Part No. - OP750C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP750C TTELEC-OP750C Datasheet
1Mb / 6P
   NPN Silicon Phototransistor
More results

Similar Description - OP750C

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
OP793 OPTEK-OP793 Datasheet
258Kb / 3P
   NPN Pho to tran sis tor with Base- Emitter Resistor
OP705A OPTEK-OP705A Datasheet
476Kb / 2P
   NPN Pho to tran sistor with Base-Emit ter Resistor
OP755A OPTEK-OP755A Datasheet
305Kb / 2P
   NPN Photo transistor with Base-Emitter Resistor
logo
Diodes Incorporated
DDC144TU DIODES-DDC144TU Datasheet
237Kb / 6P
   DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
DS30767 Rev. 6 - 2
BC847BLD DIODES-BC847BLD_1 Datasheet
198Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
BC847BLD DIODES-BC847BLD Datasheet
100Kb / 5P
   SMALL SIGNAL NPN TRANSISTOR WITH CONTROLLED BASE-EMITTER VOLTAGE
DS30824 Rev. 3 - 2
logo
New Jersey Semi-Conduct...
MJ10022 NJSEMI-MJ10022 Datasheet
102Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
MJ10020 NJSEMI-MJ10020 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
MJ10008 NJSEMI-MJ10008 Datasheet
101Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com