Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC100F5 Datasheet(PDF) 8 Page - Nihon Inter Electronics Corporation

Part # PC100F5
Description  FRD 100A AVG 500 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC100F5 Datasheet(HTML) 8 Page - Nihon Inter Electronics Corporation

  PC100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PC100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
OPTREX DMF50757, DMF50766
640x480
Fitting controller: PC8106P-2
Cable: CBL-50757
Backlight Inverter: Elevam S-12565-6M
CN1-
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
20 17 25 18 26 19 26 1
2
3
4
5
6
7
8
CN2-
1
2
3
4
5
6
7
8
9
10 11 12 13 14
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
9
10 11 12 13 14 15 16 25 28 28 32 32 32
Jumper J1 pins 29 and 31
Kyocera
KCB104VG-1BA-A01 KCB104VGB-2B-A01
640x480
Fitting controller: PC8106N-2 Rev: E or higher
Cable:
Backlight Inverter:
CN1-
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
|
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
20 NC 27 18 26 19 26 1
2
3
4
5
6
7
8
CN2-
1
2
3
4
5
6
7
8
9
10 11 12 13 14
|
|
|
|
|
|
|
|
|
|
|
|
|
|
J1-
9
10 11 12 13 14 15 16 25 28 28 32 32 32
Jumper J1 pins 29 and 31
Specifications subject to change without notice.
Specifications
W444444444444444444444444444444444444444444444444444444444444444U
Board Size: 6.3"x3.2"
Operating temperature: 0 to +70
E C
Interface: 16 Bit ISA Bus
Display Memory: 512K
Display Memory Address: A000H to BFFFH
Simultaneously display 256 colors from a palette 0f 4096 colors
64 gray shades by FRM and dithering
Vertical Centering
5 volt supply current: 175ma
12 volt supply current: PC8106P- 110ma, PC8106N- Not required
LCD drive voltages:
PC8106N: -15 to -24 volts, PC8106P: +25 to +34 volts
R-10/19/98


Similar Part No. - PC100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
   FRD MODULE
More results

Similar Description - PC100F5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
   FRD - 20A Avg. 200 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com