Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7136 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7136
Description  Integrated Circuit Vertical Deflection Power Amplifier for Monitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7136 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7136 Datasheet HTML 1Page - NTE Electronics NTE7136 Datasheet HTML 2Page - NTE Electronics NTE7136 Datasheet HTML 3Page - NTE Electronics NTE7136 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE7136
Integrated Circuit
Vertical Deflection Power Amplifier for Monitors
Description:
The NTE7136 is a vertical power amplifier for differential input signals in a 9–Lead SIP type package
suitable for color monitor/TV systems with deflection frequencies up to 140Hz.
Features:
D Vertical Pre–Amplifier with Differential Inputs
D Powerless Vertical Shift
D Flyback Voltage Generation Suitable for Two Operating Modes (Doubling the Supply Voltage
or External Supply for the Short Flyback Time, this Achieves a Minimum of Power Dissipation)
D Vertical Output Stage with Thermal and SOAR Protection
D High Deflection Frequency up to 140Hz
D High Linear Sawtooth Signal Amplification
D Possibility of Guarding the Deflection
D Voltage Stabilizer
Absolute Maximum Ratings: (Voltages referenced to substrate (Pin6) unbless otherwise specified)
Supply Voltage (Pin1), VP1
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage (Pin4), VP2
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage (Pin8), VP3
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Pin2, Pin3, and Pin9, V2, V3, V9
VP1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Pin5 and Pin7, V5, V7
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current on Pin4, I4
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current on Pin5 (Peak Value, Note 1), I5 (M)
±1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Current on Pin7 (Peak Value), I7 (M)
±1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current on Pin9, I9
–8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (Note 1), TVJ
+168
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–25
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Mounting Base, RthJMB
5K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling for all Pins (Note 2), Ves
±300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Internally limited by thermal protection; switching temperature point at 160
±8°C
Note 2. Equivalent to discharging a 200pF capacitor throuhg a 0
Ω series resistor.


Similar Part No. - NTE7136

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE713 NTE-NTE713 Datasheet
24Kb / 2P
   Integrated Circuit Chroma Demod
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
More results

Similar Description - NTE7136

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
NTE1858 NTE-NTE1858 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Circuit
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
   Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE1567 NTE-NTE1567 Datasheet
86Kb / 4P
   Integrated Circuit Vertical Deflection Output Circuit
NTE1754 NTE-NTE1754 Datasheet
29Kb / 4P
   Integrated Circuit Vertical Deflection Output Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com