Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C21P100NH Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI7C21P100NH
Description  2-PORT PCI-X BRIDGE
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C21P100NH Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI7C21P100NH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7C21P100NH Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
PI7C21P100
2-PORT PCI-X BRIDGE
ADVANCE INFORMATION
Page 9 of 77
June 10, 2005 Revision 1.06
1
DESCRIPTION
The PI7C21P100 is a 2-port PCI-X 2.0 Bridge designed to be compliant with the PCI-X
Addendum to the Local Bus Specification Revision 1.0a. The PI7C21P100 is able to handle
64-bit data at a maximum bus frequency of 133MHz. The PI7C21P100 is designed for high
speed applications such as Ethernet, SCSI, and Fibre Channel. The PI7C21P100 may also be
used for bus expansion, frequency isolations/translations, or PCI-X to PCI
isolations/translations.
2
FEATURES
-
INDUSTRY STANDARDS COMPLIANCE
PCI-X Addendum to the Local Bus Specification Revision 1.0a (Mode 1 only)
PCI Local Bus Specification Revision 2.2
PCI-to-PCI Bridge Architecture Specification Revision 1.1
PCI Power Management Interface Specification Revision 1.1
Supports D0 and D3 power states
-
INTERFACE
3.3V signaling with 5V tolerance
133MHz / 64-bit operation on both buses
Dual address cycle support
Concurrent primary and secondary bus operation
Primary and secondary may be run in either PCI mode or PCI-X Mode 1
Asynchronous operation support
Programmable internal arbiter with support for up to 6 external masters on the
secondary bus
Internal arbiter may be disabled to use an external arbiter
IEEE 1149.1 JTAG support
-
OPERATION
Type 0 and Type 1 configuration support
Configuration register access from both primary and secondary buses
2KB of buffering for upstream memory burst read commands
2KB of buffering for downstream memory burst read commands
1KB of buffering for upstream posted memory write commands
1KB of buffering for downstream posted memory write commands
Support for up to 8 active transactions in each direction
-
ADDITIONAL FEATURES
Capabilities pointer
Ability to define an opaque memory address
Definable base address register
Secondary side PCI-X device privatization
-
PACKAGING
304-pin PBGA, 31 x 31 mm


Similar Part No. - PI7C21P100NH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
PI7C21P100BNH PERICOM-PI7C21P100BNH Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
PI7C21P100BNHE PERICOM-PI7C21P100BNHE Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
More results

Similar Description - PI7C21P100NH

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI7C21P100B PERICOM-PI7C21P100B Datasheet
1Mb / 79P
   2-PORT PCI-X TO PCI-X BRIDGE
PI7C8150A PERICOM-PI7C8150A Datasheet
1Mb / 111P
   2-PORT PCI-to-PCI BRIDGE
PERICOMPI7C8150 PERICOM-PERICOMPI7C8150 Datasheet
904Kb / 106P
   2-Port PCI-to-PCI Bridge
PI7C8152A PERICOM-PI7C8152A_07 Datasheet
660Kb / 90P
   2-Port PCI-to-PCI Bridge
PI7C8140AMAE PERICOM-PI7C8140AMAE Datasheet
1Mb / 82P
   2-Port PCI-to-PCI Bridge
PI7C8154A PERICOM-PI7C8154A Datasheet
818Kb / 114P
   2-Port PCI-to-PCI Bridge
PI7C8154BNAE PERICOM-PI7C8154BNAE Datasheet
1Mb / 111P
   Asynchronous 2-Port PCI-to-PCI Bridge
PI7C8150B PERICOM-PI7C8150B Datasheet
1Mb / 108P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8148B PERICOM-PI7C8148B_06 Datasheet
1Mb / 94P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
PI7C8150B PERICOM-PI7C8150B_15 Datasheet
1Mb / 107P
   ASYNCHRONOUS 2-PORT PCI-TO-PCI BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com