Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT162511 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI74FCT162511
Description  Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT162511 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI74FCT162511 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT162511 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS2080A 01/15/95
PI74FCT16511/162511T
16-BIT REGISTERED/
LATCHED TRANSCEIVER WITH PARITY
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT16511T/162511T Switching Characteristics over Operating Range (Setup Times)
16511/162511T
162511AT
Com.
Com.
Parameters
Description
Conditions(1,3)
Min.
Max.
Min.
Max.
Unit
tSU
SetupTime
GEN/CHKLOW
PBxvalid
6.5
4
ns
HIGHorLOW
PBxnotvalid
3
3
ns
AxtoCLKAB
GEN/CHKHIGH
PERBvalid
6.5
4
ns
PERBnotvalid
3
3
ns
tSU
SetupTime
GEN/CHKHIGH
PERBvalid
6.5
4
ns
PAxtoCLKAB
PERBnotvalid
3
3
ns
tSU
SetupTime
PERAvalid
6.5
4
ns
BxtoCLKBA
PERAnotvalid
3
3
ns
PBxtoCLKBA
tSU
Setup Time
CLKAB LOW
PBx valid
6.5
3.5
ns
Ax to LEAB
GEN/CHK LOW
PBx not valid
3
3
ns
CLKAB LOW
PERB valid
6.5
3.5
ns
GEN/CHK HIGH
PERB not valid
3
3
ns
CLKAB HIGH
PBx valid
6.5
3.5
ns
GEN/CHK LOW
PBx not valid
3
3
ns
CLKAB HIGH
PERB valid
6.5
3.5
ns
GEN/CHK HIGH
PERB not valid
3
3
ns
tSU
Setup Time
CLKAB LOW
PERB valid
6.5
3.5
ns
PAx to LEAB
GEN/CHK HIGH
PERB not valid
3
3
ns
CLKAB HIGH
PERB valid
6.5
3.5
ns
GEN/CHK HIGH
PERB not valid
3
3
ns
tSU
Setup Time
CLKBA LOW
PERA valid
6.5
3.5
ns
Bx to LEBA
PERA not valid
3
3
ns
PBx to LEBA
CLKAB HIGH
PERA valid
6.5
3.5
ns
PERAnotvalid
3
3
ns
PI74FCT16511T/162511T Switching Characteristics over Operating Range (Hold Times)
16511/162511T16511/162511AT
Com.
Com.
Parameters
Description
Conditions(1)
Min.
Max.
Min.
Max.
Unit
tH
Hold Time HIGH or LOW Ax to LEAB, Bx to LEBA
1
1
ns
tH
Hold Time HIGH or LOW PAx to LEAB
1
1
ns
tH
Hold Time HIGH or LOW PBx to LEBA
1
1
ns
tH
Hold Time Ax to CLKAB, PAx to CLKAB
1
1
ns
tH
Hold Time Bx to CLKBA, PBx to CLKBA
1
1
ns
tW
LEAB or LEBA Pulse Width HIGH(2)
3—
3—
ns
tW
CLKAB or CLKBA Pulse Width HIGH or LOW(2)
3—
3—
ns
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not production tested.
3. “Not valid” means the setup time indicated is not sufficient to assure proper functioning of this output; however,
the set-up time indicated will assure proper functioning of the A-to-B or B-to-A port respective to the indicated
direction.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
CL = 50 pF
RL = 500
CL = 50 pF
RL = 500


Similar Part No. - PI74FCT162511

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162541 PERICOM-PI74FCT162541 Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT162541TA PERICOM-PI74FCT162541TA Datasheet
61Kb / 6P
   Fast CMOS 16-Bit Octal Buffer/Line Drivers
PI74FCT162543T PERICOM-PI74FCT162543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
More results

Similar Description - PI74FCT162511

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
   FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
NXP Semiconductors
74ABT16899 PHILIPS-74ABT16899 Datasheet
105Kb / 16P
   18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Feb 25
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com