Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RSE060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM50RSE060
Description  MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RSE060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM50RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Quick opto-couplers: TPLH, TPLH ≤ 0.8µs. Use High CMR type. The line between opto-coupler and intelligent module
should be shortened as much as possible to minimize the floating capacitance.
Slow switching opto-coupler: recommend to use at CTR = 100 ~ 200%, Input current = 8 ~ 10mA, to work in active.
Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
OUT
Si
GND
GND
In
Vcc
U
V
W
B
N
P
M
¡
IF
+
: Interface which is the same as the U-phase
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
OUT
Si
GND
GND
In
Fo
TEMP
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
VWP1
WP
VWPC
Th
UN
VN
VN1
WN
VNC
Rfo
Fo
VVP1
VP
VVPC
≥0.1µ
≥0.1µ
≥0.1µ
20k
≥10µ
≥10µ
≥10µ
4.7k
1k
20k
20k
20k
≥10µ
≥0.1µ
VUP1
UP
VUPC
Br
¡
¡
IF
IF
IF
5V
¡
OUT
Si
GND
GND
In
Fo
Vcc
VD
VD
VD
VD
Fig. 8 Application Example Circuit


Similar Part No. - PM50RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RSE060 MITSUBISHI-PM50RSE060 Datasheet
144Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSE060 MITSUBISHI-PM50RSE060_05 Datasheet
144Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLB060 MITSUBISHI-PM50RLB060 Datasheet
99Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RSE120 MITSUBISHI-PM150RSE120 Datasheet
122Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CLA060 MITSUBISHI-PM150CLA060 Datasheet
97Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300CLA120 MITSUBISHI-PM300CLA120 Datasheet
249Kb / 7P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com