Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RSE060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM50RSE060
Description  MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RSE060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM50RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
PM50RSE060
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
For example, typical VCE(sat)=1.7V
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
•3
φ 50A, 600V Current-sense IGBT for 15kHz switching
• 15A, 600V Current-sense regenerative brake IGBT
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
• Acoustic noise-less 3.7kW class inverter application
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
1. VUPC
2. UP
3. VUP1
4. VVPC
5. VP
6. VVP1
7. VWPC
8. WP
9. VWP1
10. VNC
11. VN1
12. Br
13. UN
14. VN
15. WN
16. FO
A : DETAIL
16
15
14
13
12
11
10
9
78
6
5
4
3
2
1
WV
U
A
MOUNTING HOLES
Screwing depth
Min9.0
12
16-
0.64
2-
φ2.54
110±1
95±0.5
24.5
0.5±0.3
3.22
67.4
26
26
17.02
2-2.54
2-2.54
6-2.54
2-2.54
4-R6
6-M5NUTS
4-
φ5.5
10.16
10.16
10.16
LABEL
3.22
2-2.54
φ2.54
22
21.2
–0.5
+1.0
Terminal code
0.64


Similar Part No. - PM50RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RSE060 MITSUBISHI-PM50RSE060 Datasheet
144Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSE060 MITSUBISHI-PM50RSE060_05 Datasheet
144Kb / 9P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLB060 MITSUBISHI-PM50RLB060 Datasheet
99Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RSE120 MITSUBISHI-PM150RSE120 Datasheet
122Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CLA060 MITSUBISHI-PM150CLA060 Datasheet
97Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300CLA120 MITSUBISHI-PM300CLA120 Datasheet
249Kb / 7P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com