Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT100S16 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PT100S16
Description  DIODE 100A 1600VOLTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT100S16 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PT100S16 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT100S16 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT100S16 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PT100S16 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PT100S16 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIODE 100A(Avg)
100A(Avg)
100A(Avg)
100A(Avg) 1600Volts
1600Volts
1600Volts
1600Volts
■最大定格/
Maximum Ratings
■質量: Approx Net Weight:180g
Rating
Symbol
PT100S16
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
1600
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
平均整流電流
Average Rectified Output Current
IO(AV) 三相全波整流
Tc=Tt(Terminal)=70
°C
3-Phase Full Wave Rectified
100
A
サージ順電流
*1
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
1200
A
電流二乗時間積
I Squared t
I2t
2msec to 10msec
7200
A2s
動作接合温度範囲
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
保存温度範囲
Storage Temperature Range
Tstg
-40 to +125
°C
絶縁耐圧
Isoration Voltage
Viso
端子−裏面ベース間,AC1分間
Base Plate to Terminals, AC1min
2500
V
ベース部(mounting)
M5
2.4 to 2.8
締付トルク
Mounting torque 主端子部(Terminals)
Ftor
推奨値
Recommended value
M5
2.4 to 2.8
Nm
■電気的・熱的特性/ Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Max.
Unit
ピーク逆電流 *1
Peak Reverse Current
IRM
VRM= VRRM, Tj= 125
°C
15
mA
ピーク逆電圧 *1
Peak Forward Voltage
VFM
IFM= 100A, Tj=25
°C
1.2
V
熱抵抗
Thermal Resistance
Rth(j-c) 接触部・ケース間(トータル)
Junction to Case (Total)
0.24
接触熱抵抗
Thermal Resistance
Rth(c-f)
ケース・フイン間、サーマルコンパウンド塗布
Base Plate to Heat Sink with Thermal
Compound (Total)
0.06
°C/W
*1: 1アーム当たりの値 Value Per 1Arm
■回路図 Circuit
PT100S16
PT100S16
PT100S16
PT100S16
■外形図 OUTLINE


Similar Part No. - PT100S16

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT100S16 NIEC-PT100S16 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
logo
National Instruments Co...
PT100S16 NI-PT100S16_15 Datasheet
279Kb / 2P
   DIODE
More results

Similar Description - PT100S16

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6RI100P-160 FUJI-6RI100P-160 Datasheet
151Kb / 3P
   Diode Module 1600V / 100A
logo
Nihon Inter Electronics...
PT1018 NIEC-PT1018 Datasheet
142Kb / 3P
   DIODE MODULE 100A/800V
PT100S8 NIEC-PT100S8 Datasheet
51Kb / 5P
   DIODE MODULE 100A/800V
logo
List of Unclassifed Man...
6RI100P-160 ETC2-6RI100P-160 Datasheet
148Kb / 3P
   Diode Module 1600V / 100A
logo
Intersil Corporation
RHRU100120 INTERSIL-RHRU100120 Datasheet
40Kb / 3P
   100A, 1200V Hyperfast Diode
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N Datasheet
196Kb / 3P
   DIODE MODULE 100A/800V
logo
Intersil Corporation
RHRU10060 INTERSIL-RHRU10060 Datasheet
42Kb / 3P
   100A, 600V Hyperfast Diode
RURU100120 INTERSIL-RURU100120 Datasheet
42Kb / 3P
   100A, 1200V Ultrafast Diode
RURU10060 INTERSIL-RURU10060 Datasheet
40Kb / 3P
   100A, 600V Ultrafast Diode
logo
Nihon Inter Electronics...
PC1008 NIEC-PC1008 Datasheet
194Kb / 3P
   DIODE MODULE 100A/800V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com