Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP420B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # SBFP420B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP420B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button SBFP420B Datasheet HTML 6Page - Sanyo Semicon Device SBFP420B Datasheet HTML 7Page - Sanyo Semicon Device SBFP420B Datasheet HTML 8Page - Sanyo Semicon Device SBFP420B Datasheet HTML 9Page - Sanyo Semicon Device SBFP420B Datasheet HTML 10Page - Sanyo Semicon Device SBFP420B Datasheet HTML 11Page - Sanyo Semicon Device SBFP420B Datasheet HTML 12Page - Sanyo Semicon Device SBFP420B Datasheet HTML 13Page - Sanyo Semicon Device SBFP420B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SBFP420B
No.7434-10/15
S Parameters (Common emitter)
VCE=3V, IC=1mA, ZO=50Ω
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
200
0.972
--13.9
3.620
169.4
0.018
80.7
0.994
--6.5
400
0.940
--24.9
3.580
160.1
0.036
74.9
0.977
--12.8
600
0.940
--37.7
3.406
150.2
0.052
67.9
0.956
--18.8
800
0.910
--49.2
3.305
141.6
0.067
61.4
0.928
--24.5
1000
0.888
--60.1
3.131
131.8
0.080
53.8
0.896
--29.8
1200
0.864
--71.6
3.016
123.8
0.091
47.9
0.861
--34.8
1400
0.843
--81.1
2.837
116.5
0.100
42.3
0.830
--39.3
1600
0.817
--90.9
2.682
109.2
0.108
36.9
0.801
--43.5
1800
0.785
--99.9
2.510
102.4
0.113
32.6
0.772
--47.4
2000
0.769
--108.9
2.412
96.1
0.119
27.9
0.747
--51.0
2200
0.747
--117.3
2.256
89.7
0.122
23.9
0.724
--54.4
2400
0.727
--124.8
2.135
84.4
0.125
20.2
0.702
--57.7
2600
0.702
--132.4
2.008
78.4
0.126
16.8
0.682
--60.7
2800
0.701
--139.7
1.918
73.1
0.127
13.8
0.665
--63.7
3000
0.684
--146.3
1.832
68.1
0.128
10.8
0.650
--66.6
3200
0.673
--152.5
1.738
62.9
0.128
8.4
0.635
--69.4
3400
0.656
--158.8
1.659
58.9
0.128
6.1
0.621
--72.2
3600
0.654
--164.8
1.602
54.5
0.127
4.0
0.607
--75.0
3800
0.644
--170.4
1.523
49.9
0.126
2.2
0.597
--77.8
4000
0.636
--175.4
1.463
46.0
0.125
0.6
0.587
--80.5
4200
0.635
179.0
1.419
42.2
0.124
--0.5
0.577
--83.4
4400
0.628
173.7
1.361
38.1
0.122
--1.6
0.570
--86.4
4600
0.628
168.2
1.305
34.0
0.122
--2.5
0.562
--89.2
4800
0.619
163.2
1.260
30.0
0.120
--2.8
0.555
--92.2
5000
0.622
158.1
1.225
26.6
0.119
--3.2
0.550
--95.1
5200
0.607
154.4
1.189
22.8
0.119
--3.3
0.546
--98.0
5400
0.615
149.4
1.141
19.4
0.118
--3.5
0.542
--101.0
5600
0.612
144.9
1.118
15.7
0.119
--2.8
0.539
--104.0
5800
0.613
139.6
1.077
12.9
0.119
--2.6
0.534
--106.9
6000
0.615
135.3
1.047
9.6
0.119
--2.1
0.531
--109.9


Similar Part No. - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
SBFP420MA SANYO-SBFP420MA Datasheet
79Kb / 14P
   SBFP420MA
More results

Similar Description - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com