Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7141 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7141
Description  Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7141 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7141 Datasheet HTML 1Page - NTE Electronics NTE7141 Datasheet HTML 2Page - NTE Electronics NTE7141 Datasheet HTML 3Page - NTE Electronics NTE7141 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings:
DC Supply Voltage (Between V+ and V– Terminals)
36V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Voltage Range
4 to 36V or
±2 to ±18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential–Mode Input Voltage
±8V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Common–Mode DC Input Voltage
(V+ +8V) to (V– –0.5V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input–Terminal Current
1mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device Dissipation, PD
630mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Linearly Above +55
°C
6.67mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–40
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16” from case, 10sec max), TL
+265
°C
. . . . . . . . . . . . . . . . .
Output Short–Circuit Duration (Note 1)
Unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Short circuit may be applied to GND or to either supply. Temperature and/or supply voltages
must be limited to keep dissipation within maximum rating.
Electrical Characteristics: (V+ = +15V, V– = –15V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
|VIO|
TA = +25°C
5
15
mV
TA = –40° to +85°C
10
mV
Input Offset Current
|IIO|
TA = +25°C
0.5
30
pA
TA = +85°C
32
pA
Input Current
II
TA = +25°C
10
50
pA
TA = +85°C
640
pA
Large–Signal Voltage Gain
AOL
Note 2
TA = +25°C
20k
100k
V/V
86
100
dB
TA = –40° to +85°C
63k
V/V
96
dB
Common–Mode Rejection Ratio
CMRR
TA = +25°C
32
320
µV/V
70
90
dB
TA = –40° to +85°C
32
µV/V
90
dB
Common–Mode Input–Voltage
Range
VICR
TA = +25°C
–15
–15.5
to
+12.5
+11
V
TA = –40° to +85°C
–15
to
+12.3
V
Power Supply Rejection Ratio
∆VIO/∆V TA = +25°C
100
150
µV/V
PSSR
76
80
dB
∆VIO/∆V TA = –40° to +85°C
150
µV/V
PSSR
76
dB
Note 2. VO = 26VP–P, +12V, –14V and RL = 2kΩ.


Similar Part No. - NTE7141

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE714 NTE-NTE714 Datasheet
23Kb / 2P
   Integrated Circuit Chroma Subcarrier Regeneration
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
NTE7145 NTE-NTE7145 Datasheet
26Kb / 2P
   Intergrated Circuit 18W BTL x 2 Ch Audio Power Amplifier
More results

Similar Description - NTE7141

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com