Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91861DY-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI91861DY-T1
Description  400-mA Smart Regulator for Network Interface Card
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91861DY-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI91861DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI91861DY-T1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Si91861
Vishay Siliconix
www.vishay.com
4
Document Number: 71637
S-40702—Rev. B, 19-Apr-04
ORDERING INFORMATION
Part Number
Temperature Range
Package
Si91861DY-T1
Tape and Reel
Si91861DY-T1—E3
−40 to 85_C
Tape and Reel
Si91861DY
Bulk
Eval Kit
Temperature Range
Board Type
Si91861DB
−40 to 85_C
Surface Mount
TYPICAL CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
0123456
Ground Current vs Input Voltage (5 VIN)
Input Voltage (V)
0.0
0.2
0.4
0.6
0.8
0.0
0.6
1.2
1.8
2.4
3.0
3.6
Ground Current vs 3.3 VAUX Input Voltage
IOUT = 0
0.10
0.15
0.20
0.25
0.30
0.35
3.0
3.1
3.2
3.3
3.4
3.5
3.6
ON-Resistance vs 3.3 VAUX Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
−40
−20
0
20
40
60
80
100
Ground Current vs Temperature (5 VIN)
IOUT = 600 mA
25_C
85_C
Temperature (oC)
3.3 VAUX Input Voltage (V)
IOUT = 400 mA
IOUT = 200 mA
IOUT = 0 mA
5 VIN = 5 V
3.3 VAUX = 0 V
−40_C
3.3 VAUX Input Voltage (V)
5 VIN = 5 V
5 VIN =0 V


Similar Part No. - SI91861DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
More results

Similar Description - SI91861DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91860 VISHAY-SI91860 Datasheet
142Kb / 8P
   400-mA Smart Regulator for Network Interface Card
Rev. B, 19-Apr-04
logo
Maxim Integrated Produc...
MAX1810 MAXIM-MAX1810 Datasheet
263Kb / 8P
   Network Interface Card Smart Regulator
19-1678; Rev 0; 4/00
logo
ON Semiconductor
NCV4276BDT50RKG ONSEMI-NCV4276BDT50RKG Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276 ONSEMI-NCV4276 Datasheet
182Kb / 25P
   400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV4276C ONSEMI-NCV4276C Datasheet
164Kb / 16P
   400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0
NCV4276 ONSEMI-NCV4276_06 Datasheet
198Kb / 23P
   400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18
NCV4276BDS50R4G ONSEMI-NCV4276BDS50R4G Datasheet
205Kb / 18P
   400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5
NCV4276B ONSEMI-NCV4276B_14 Datasheet
146Kb / 18P
   400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6
NCV4276B ONSEMI-NCV4276B Datasheet
142Kb / 12P
   400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com