Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GX04YZPR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC1GX04YZPR
Description  CRYSTAL OSCILLATOR DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1GX04YZPR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC1GX04YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1GX04YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74LVC1GX04
CRYSTAL OSCILLATOR DRIVER
SCES581 − JULY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
Data retention only
1.5
V
VCC
Supply voltage
Crystal oscillator use
2
V
VIH
High-level input voltage
VCC = 1.65 V to 5.5 V
0.75
× VCC
V
VIL
Low-level input voltage
VCC = 1.65 V to 5.5 V
0.25
× VCC
V
VI
Input voltage
0
5.5
V
VO
Output voltage
X2, Y
0
VCC
V
VO
Output voltage
Y output only, Power-down mode, VCC = 0 V
0
5.5
V
VCC = 1.65 V
−4
VCC = 2.3 V
−8
IOH
High-level output current
VCC = 3 V
−16
mA
IOH
High-level output current
VCC = 3 V
−24
mA
VCC = 4.5 V
−32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
VCC = 3 V
16
mA
IOL
Low-level output current
VCC = 3 V
24
mA
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
∆t/∆v Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
∆t/∆v Input transition rise or fall rate
VCC = 5 V ± 0.5 V
10
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LVC1GX04YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04YZPR TI1-SN74LVC1GX04YZPR Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
More results

Similar Description - SN74LVC1GX04YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GX04 TI1-SN74LVC1GX04_06 Datasheet
718Kb / 19P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
DECEMBER2006
SN74LVC1GX04 TI1-SN74LVC1GX04_15 Datasheet
1Mb / 27P
[Old version datasheet]   Crystal Oscillator Driver
SN74LVC1GX04-EP TI1-SN74LVC1GX04-EP Datasheet
442Kb / 15P
[Old version datasheet]   CRYSTAL OSCILLATOR DRIVER
logo
NXP Semiconductors
CARD_74LVC1GX04 PHILIPS-CARD_74LVC1GX04 Datasheet
97Kb / 2P
   One chip crystal oscillator driver
August 2003
logo
Texas Instruments
SN74LVC1404 TI-SN74LVC1404_09 Datasheet
565Kb / 18P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404_07 Datasheet
466Kb / 17P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
SN74LVC1404 TI-SN74LVC1404 Datasheet
309Kb / 16P
[Old version datasheet]   OSCILLATOR DRIVER FOR CRYSTAL OSCILLATOR OR CERAMIC RESONATOR
logo
STMicroelectronics
RHFOSC04 STMICROELECTRONICS-RHFOSC04 Datasheet
1Mb / 16P
   Rad-hard, crystal oscillator driver and divider
May 2020 Rev 1
logo
Vectron International, ...
PX-340 VECTRON-PX-340_11 Datasheet
254Kb / 4P
   Crystal Oscillator
logo
Epson ToYoCom
SG-771PCD EPSONTOYOCOM-SG-771PCD Datasheet
366Kb / 2P
   CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com