Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G132DCURE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74LVC2G132DCURE4
Description  DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC2G132DCURE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74LVC2G132DCURE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 9Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH - V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
1.8 V
± 0.15 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
5 V
± 0.5 V
1 M
1 M
1 M
1 M
VCC
RL
2
× VCC
2
× VCC
6 V
2
× VCC
VLOAD
CL
15 pF
15 pF
15 pF
15 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
3 V
VCC
VI
VCC/2
VCC/2
1.5 V
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
SN74LVC2G132
DUAL 2-INPUT NAND GATE
WITH SCHMITT-TRIGGER INPUTS
SCES547A – FEBRUARY 2004 – REVISED JUNE 2005
Figure 1. Load Circuit and Voltage Waveforms
6


Similar Part No. - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G132DCURE4 TI1-74LVC2G132DCURE4 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results

Similar Description - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com