Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIM2-1512D-SIL7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM2-1512D-SIL7
Description  2 Watt Ultra-Miniatur SIL-Modul-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SIM2-1512D-SIL7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM2-1512D-SIL7 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM2-1512D-SIL7 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HN Electronic Components GmbH • Birkenweiherstr. 2 • D-63505 Langenselbold
Tel. (06184) 92780 • Fax (06184) 62316 • http://www.hn-electronic.de
D
B
SIM 2 - SIL 7
2 Watt Ultra-Miniatur SIL-Modul-Serie
Besondere Merkmale
Features
Ultraminiatur-SIL7-Gehäuse
Ultra mini SIL7 package
Isolationsspannung max. 1000 VDC
Isolation voltage max. 1000 V
kurzzeitig Kurzschlußfestigkeit
short-time short circuit protection
Technische Daten
Specification
(bei 25°C Umgebungstemperatur,
(at 25°C ambient temperature,
nominaler Eingangsspannung und
nominal input voltage and
Vollast )
full load )
Eingangsdaten
Input Specifications
Eingangsspannung
Input voltages
5 / 12 / 15 VDC, ±10%
Eingangsfilter
Input filter
Kondensatoren, capacitors
Ausgangsdaten
Output Specifications
Leistung
Power
2 Watt
Wirkungsgrad
Efficiency
70% min.
Regelabweichung
Voltage accuracy
Max. ±5%
Restwelligkeit
Ripple and noise
100 mV p-p max.
Last
Load
±10%(Load=20%-100%)
Eingang
Line
±1.2% von Vin
Allgemeine Daten
General Specifications
Schaltfrequenz
Switching frequency
100 KHz min.
Betriebstemperatur
Operation temperature
−20°C…+75°C
Lagertemperatur
Storage temperature
−25°C…+125°C
Isolationsspannung
Isolation voltage
1 kVDC min.
Gehäusematerial
Casing
Nichtleitender Kunststoff, non conducting plastics
2 W
DC/DC
SIM-SIL
MODUL


Similar Part No. - SIM2-1512D-SIL7

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SIM2 NJSEMI-SIM2 Datasheet
61Kb / 1P
   Microwave Diodes
logo
ELESTA GmbH
SIM2 ELESTA-SIM2 Datasheet
239Kb / 1P
   SIM 2 Series
logo
List of Unclassifed Man...
SIM20 ETC1-SIM20 Datasheet
2Mb / 12P
   Wireless Module Solutions
logo
SemiWell Semiconductor
SIM200D06AV1 SEMIWELL-SIM200D06AV1 Datasheet
199Kb / 4P
   ?쏦ALF-BRIDGE??IGBT
SIM200D06AV2 SEMIWELL-SIM200D06AV2 Datasheet
182Kb / 4P
   ?쏦ALF-BRIDGE??IGBT
More results

Similar Description - SIM2-1512D-SIL7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM1 ETC-SIM1 Datasheet
62Kb / 2P
   1 Watt Ultra-Miniatur SIL-Modul-Serie
SIM1-0505S-DIL8 ETC1-SIM1-0505S-DIL8 Datasheet
64Kb / 2P
   1 Watt Ultra-Miniatur DIL-Modul-Serie
logo
PIC GmbH
MS-213-3 PIC-MS-213-3_14 Datasheet
325Kb / 2P
   Miniatur-Reedsensor
logo
RCD COMPONENTS INC.
ULV5X-R010-KB RCD-ULV5X-R010-KB Datasheet
35Kb / 1P
   ULTRA-LOW OHM, 2 WATT to 20 WATT
logo
PIC GmbH
PLS-031A-3PAI PIC-PLS-031A-3PAI Datasheet
291Kb / 2P
   Miniatur-Levelsensor
PLS-031A-3PPI PIC-PLS-031A-3PPI Datasheet
159Kb / 2P
   Miniatur-Levelsensor
MS-214-3 PIC-MS-214-3_14 Datasheet
309Kb / 2P
   Miniatur-Reedsensor
PLS-031B-3PPI PIC-PLS-031B-3PPI Datasheet
159Kb / 2P
   Miniatur-Levelsensor
MS-225-3 PIC-MS-225-3 Datasheet
226Kb / 2P
   Miniatur-Reedsensor
PLS-031B-3PAI PIC-PLS-031B-3PAI Datasheet
291Kb / 2P
   Miniatur-Levelsensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com