Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS5711-TR3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TFBS5711-TR3
Description  Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) for IrDA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS5711-TR3 Datasheet(HTML) 4 Page - Vishay Siliconix

  TFBS5711-TR3 Datasheet HTML 1Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 2Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 3Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 4Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 5Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 6Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 7Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 8Page - Vishay Siliconix TFBS5711-TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number 82634
Rev. 1.3, 05-Dec-03
VISHAY
TFBS5711
Vishay Semiconductors
Eye safety information
*) Due to the internal limitation measures the device is a "class 1" device.
**) IrDA specifies the max. intensity with 500 mW/sr.
Electrical Characteristics
Transceiver
Tamb = 25 °C, VCC1 = VCC2 = 2.7 V to 5.5 V unless otherwise noted.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
*) Standard illuminant A
**) The typical threshold level is 0.5 x V
CC1. It is recommended to use the specified min/max values to avoid increased operating current.
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Virtual source size
Method: (1-1/e) encircled
energy
d1.3
1.5
mm
Maximum intensity for class 1
IEC60825-1 or EN60825-1,
edition Jan. 2001, operating
below the absolute maximum
ratings
Ie
*)
(500)**)
mW/sr
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Supply voltage
VCC1
2.7
5.5
V
Dynamic supply current
SD = Low, Ee = 1 klx
ICC
550
900
µA
Average dynamic supply
current, transmitting
IIRED = 500 mA, 25 % Duty
Cycle
ICC
1100
1500
µA
Standby supply current
SD = High, T = 25 °C, Ee = 0 klx
ISD
1
µA
SD = High, T = 25 °C,
Ee = 1 klx
*)
ISD
2.5
µA
SD = High, T = 85 °C, not
ambient light sensitive
ISD
5
µA
Operating temperature range
TA
- 25
+ 85
°C
Output voltage low, Rxd
CLoad = 15 pF, IOL = 1 mA
VOL
0.4
V
Output voltage high, Rxd
IOH = - 500 µAVOH
0.8 x VCC1
V
IOH = - 250 µA, CLoad = 15 pF
VOH
0.9 x VCC1
V
Rxd to VCC1 impedance
RRxd
400
500
600
k
Input voltage low (Txd, SD)
VIL
- 0.5
0.5
V
Input voltage high (Txd, SD)
CMOS level**)
VIH
VCC1 - 0.5
VCC1 + 0.5
V
Input leakage current (Txd, SD)
Vin = 0.9 x VCC1
IICH
- 2
+ 2
µA
Controlled pull down current
SD, Txd = "0" to "1",
0 < Vin < 0.15 VCC1
IIRTx
+ 150
µA
SD, Txd = "0" to "1",
Vin > 0.7 VCC1
IIRTx
- 1
0
1
µA
Input capacitance (Txd, SD)
CIN
5pF


Similar Part No. - TFBS5711-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS5700 VISHAY-TFBS5700 Datasheet
233Kb / 14P
   Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) for IrDA짰 and Remote Control Applications
Rev. 2.1, 25-Sep-06
TFBS5700-TR3 VISHAY-TFBS5700-TR3 Datasheet
233Kb / 14P
   Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) for IrDA짰 and Remote Control Applications
Rev. 2.1, 25-Sep-06
More results

Similar Description - TFBS5711-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
   Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
Rev. 1.5, 07-Apr-06
TFBS5700 VISHAY-TFBS5700 Datasheet
233Kb / 14P
   Fast Infrared Transceiver Module (MIR, 1.152 Mbit/s) for IrDA짰 and Remote Control Applications
Rev. 2.1, 25-Sep-06
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
   IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
TFDU5102-TR3 VISHAY-TFDU5102-TR3 Datasheet
243Kb / 12P
   Fast Infrared Transceiver Module Family (MIR, 1 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. A1.1, 12-Nov-02
TFDU6300 VISHAY-TFDU6300_09 Datasheet
193Kb / 12P
   Fast Infrared Transceiver Module (FIR, 4 Mbit/s)
Rev. 2.0, 04-Aug-09
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
   IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com