Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2721GV-E1 Datasheet(PDF) 2 Page - NEC

Part # UPC2721GV-E1
Description  SILICON MMIC L BAND DOWNCONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721GV-E1 Datasheet(HTML) 2 Page - NEC

  UPC2721GV-E1 Datasheet HTML 1Page - NEC UPC2721GV-E1 Datasheet HTML 2Page - NEC UPC2721GV-E1 Datasheet HTML 3Page - NEC UPC2721GV-E1 Datasheet HTML 4Page - NEC UPC2721GV-E1 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UPC2721GV
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCC2
Supply Voltage
V
6
PT3
Power Dissipation3
mW
250
TOP
Operating Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-65 to +150
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Recommended operating VCC range is 4.5 to 5.5 V MAX.
3. TA = +85°C mounted on a 50 x 50 x 1.6 mm thick glass epoxy
board with double sided copper.
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Supply Voltage, VCC (V)
Input Power, PIN (dBm)
Input Frequency, fRF (GHz)
IF Frequency, fIF (MHz)
CIRCUIT CURRENT VS.
SUPPLY VOLTAGE
OUTPUT POWER VS.
INPUT POWER
UPC2721
CONVERSION GAIN
vs. IF FREQUENCY
CONVERSION GAIN AND NOISE FIGURE
vs. RF FREQUENCY
No Input Signal
60
50
40
30
20
10
0
12
3
4
5
6
fRF = 2 GHz
fRF = 900 MHz
VCC = 5 V
fIF = 402 MHz
+10
+5
-40
-30
-20
-10
0
+10
+20
0
-5
-10
-15
-20
30
25
20
15
10
5
100
0
200
300
400
500
600
fRF = 2.0 GHz
fRF = 900 MHZ
VCC = 5 V
PLO = 0 dBm
PRF = -30 dBm
VCC = 5 V
PRF = -30 dBm
PLO = -5 dBm
fIF = 402 MHZ
CG
NF
30
25
20
15
10
5
0.5
0
1.0
1.5
2.0
2.5
3.0


Similar Part No. - UPC2721GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GV-E1 NEC-UPC2721GV-E1 Datasheet
90Kb / 12P
   GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
logo
California Eastern Labs
UPC2721GV-E1 CEL-UPC2721GV-E1 Datasheet
258Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV-E1-A CEL-UPC2721GV-E1-A Datasheet
258Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
More results

Similar Description - UPC2721GV-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
   SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2734GR NEC-UPC2734GR Datasheet
77Kb / 5P
   SILICON MMIC L-BAND DOWNCONVERTER
UPC2782GR NEC-UPC2782GR_00 Datasheet
57Kb / 8P
   SILICON MMIC L/S BAND DOWNCONVERTER
UPC2756TB NEC-UPC2756TB Datasheet
147Kb / 16P
   MIXEROSCILLATOR SILICON MMIC FOR FREQUENCY DOWNCONVERTER OF L BAND WIRELESS RECEIVER
logo
California Eastern Labs
UPC2756TB CEL-UPC2756TB Datasheet
217Kb / 7P
   3 V SUPER MINIMOLD L-BAND SI MMIC DOWNCONVERTER
logo
New Japan Radio
NJG1708PC1 NJRC-NJG1708PC1 Datasheet
72Kb / 5P
   800MHz BAND DOWNCONVERTER GaAs MMIC
logo
Eudyna Devices Inc
FMM5107MLT4E1 EUDYNA-FMM5107MLT4E1 Datasheet
237Kb / 3P
   MMIC X/Ku-Band DBS Downconverter
logo
NEC
UPG139GV NEC-UPG139GV Datasheet
52Kb / 8P
   L-BAND DPDT MMIC SWITCH
UPC2743GS NEC-UPC2743GS Datasheet
65Kb / 3P
   SILICON MMIC UHF/VHF DUAL DOWNCONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com