Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2005 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB2005
Description  USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 6Page - SMSC Corporation USB2005 Datasheet HTML 7Page - SMSC Corporation USB2005 Datasheet HTML 8Page - SMSC Corporation USB2005 Datasheet HTML 9Page - SMSC Corporation USB2005 Datasheet HTML 10Page - SMSC Corporation USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
USB2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (06-07-05)
10
SMSC USB2005
DATASHEET
Chapter 5 Pin Description
Table 5.1 USB2005 Pin Descriptions
DISK DRIVE INTERFACE
IDE DMA Request
IDE_DRQ
IS
This pin is the active high DMA request from
the ATA/ATAPI interface.
IDE IO Read Strobe
IDE_nIOR
O20
This pin is the active low read signal for the
interface.
IDE Register
Address 1
IDE_SA1
O20
This pin is the register select address bit 1
signal for the ATA/ATAPI interface.
IDE Register
Address 0
IDE_SA0
O20
This pin is the register select address bit 0
signal for the ATA/ATAPI interface.
IDE Register
Address 2
IDE_SA2
O20
This pin is the register select address bit 2
signal for the ATA/ATAPI interface.
IDE Data
IDE_D15
IO20
This pin is the bi-directional data bus bit 15
signal for the ATA/ATAPI interface.
IDE IO Write Strobe
IDE_nIOW
O20
This pin is active low write signal for the
ATA/ATAPI interface.
IDE DMA
Acknowledge
IDE_nDACK
O20
This pin is the active low DMA acknowledge
signal for the ATA/ATAPI interface.
IDE Interrupt
Request
IDE_IRQ
IS
This pin is the active high interrupt request
signal for the ATA/ATAPI interface.
IDE Data
IDE_D13
IO20
This pin is the bi-directional data bus bit 13
signal for the ATA/ATAPI interface.
IDE Data
IDE_D14
IO20
This pin is the bi-directional data bus bit 14
signal for the ATA/ATAPI interface.
IDE Chip Select 0
IDE_nCS0
O20
This pin is the active low chip select 0 signal for
the ATA/ATAPI interface.
IDE Chip Select 1 0
IDE_nCS1
O20
This pin is the active low select 1 signal for the
ATA/ATAPI interface.
IDE Data
IDE_D[0:12]
IO20
These pins are bits 0-12 of the ATA/ATAPI bi-
directional data bus.
IO Ready
IORDY
I
This pin is the active high IORDY signal from
the IDE drive.
USB INTERFACE
USB Bus Data
USB-
USB+
IO-U
These pins connect to the USB bus data
signals.
USB Transceiver
Filter
LOOPFLTR
This pin provides the ability to supplement the
internal filtering of the transceiver with an
external network, if required.
USB Transceiver
Bias
RBIAS
A 9.09 Kohm precision resistor is attached from
ground to this pin to set the transceiver’s
internal bias currents.
Termination Resistor
RTERM
A precision 1.5Kohm precision resistor is
attached to this pin from a 3.3V supply.


Similar Part No. - USB2005

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2005 SMSC-USB2005 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005-MV-01 SMSC-USB2005-MV-01 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
More results

Similar Description - USB2005

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
   USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
   USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
   USB2.0 to ATA/ATAPI Bridge Controller
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
   ATA/ATAPI Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
   ATA/ATAPI CONTROLLER
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
   USB 2.0 ATA/ATAPI Controller
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
   USB 2.0 ATA/ ATAPI Controller
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
   USB to ATA/ATAPI Interface Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
[Old version datasheet]   USB 2.0 To ATA/ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com