Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W963L6ABN80 Datasheet(PDF) 8 Page - Winbond

Part # W963L6ABN80
Description  512K WORD X 16 BIT LOW POWER PSEUDO SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W963L6ABN80 Datasheet(HTML) 8 Page - Winbond

Back Button W963L6ABN80 Datasheet HTML 4Page - Winbond W963L6ABN80 Datasheet HTML 5Page - Winbond W963L6ABN80 Datasheet HTML 6Page - Winbond W963L6ABN80 Datasheet HTML 7Page - Winbond W963L6ABN80 Datasheet HTML 8Page - Winbond W963L6ABN80 Datasheet HTML 9Page - Winbond W963L6ABN80 Datasheet HTML 10Page - Winbond W963L6ABN80 Datasheet HTML 11Page - Winbond W963L6ABN80 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
W963L6ABN
Capacitance
Test conditions: TA = 25°C, f = 1.0 MHz
SYMBOL
DESCRIPTION
TEST SETUP
TYP.
MAX.
UNIT
CIN1
Address Input Capacitance
VIN = 0V
-
5
pF
CIN2
Control Input Capacitance
VIN = 0V
-
5
pF
CIO
Data Input/Output Capacitance
VIO = 0V
-
8
pF
DC Characteristics
(Under Recommended Operating Conditions unless otherwise noted)
notes *1, *2, *3
PARAMETER
SYM.
TEST CONDITIONS
MIN.
MAX.
UNIT
Input Leakage Current
ILI
VIN = VSS to VDD
-1.0
+1.0
µA
Output Leakage Current
ILO
VOUT = VSS to VDD, Output Disable
-1.0
+1.0
µA
VOH (27)
VDD = VDD (27), IOH = -0.5 mA
2.2
-
V
Output High Voltage
Level
VOH (23)
VDD = VDD (23), IOH = -0.5 mA
1.8
-
V
Output Low Voltage Level
VOL
IOL = 1mA
-
0.4
V
(TTL)
IDDS
VDD = VDD Max.,
VIN = VIH or VIL
CE1 = CE2 = VIH
-
3
mA
Standby
Current
(CMOS)
IDDS1
VDD = VDD Max.,
VIN ≤ 0.2V or VIN ≥ VDD -0.2V,
CE1 = CE2
≥ VDD -0.2V
-
70
µA
IDDA1
tRC / tWC =
minimum
-
20
mA
Active Current
IDDA2
VDD = VDD Max.,
VIN = VIH or VIL,
CE1= VIL and CE2 =
VIH, IOUT = 0 mA
tRC / tWC =
1
µS
-
3
mA
Notes
:
*1: All voltages are reference to VSS.
*2: DC Characteristics are measured after following POWER-UP timing.
*3: IOUT depends on the output load conditions.
- 8 -


Similar Part No. - W963L6ABN80

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70 WINBOND-W963A6BBN70 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70E WINBOND-W963A6BBN70E Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70I WINBOND-W963A6BBN70I Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN80 WINBOND-W963A6BBN80 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results

Similar Description - W963L6ABN80

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com