Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62WV0256BI-70 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # UC62WV0256BI-70
Description  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256BI-70 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button UC62WV0256BI-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers UC62WV0256BI-70 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, Vcc=3.0V)
WRITE CYCLE
UC62WV0256-35
UC62WV0256-70
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tWC
Write Cycle Time
35
-
-
70
-
-
ns
tE1LWH
tCW
Chip Select to END of Write
35
-
-
70
-
-
ns
tAVWL
tAS
Address Setup Time
0
-
-
0
-
-
ns
tAVWH
tAW
Address valid to End of Write
35
-
-
70
-
-
ns
tWLWH
tWP
Write Pulse Width
20
-
-
50
-
-
ns
tWHAX
tWR
Write Recovery Time
0
-
-
0
-
-
ns
tWLOZ
tWHZ
Write to Output in High Z
-
-
15
-
-
30
ns
tDVWH
tDW
Data to Write Time Overlap
15
-
40
-
ns
tWHDX
tDH
Data Hold Time for Write End
0
-
-
0
-
-
ns
tGHOZ
tOHZ
Output Disable to Output In High Z
0
-
15
0
-
30
ns
tWHQX
tOW
End of Write to Output Active
5
-
-
5
-
-
ns
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITECYCLE1
(1)
t
WC
ADDRESS
t
DH
t
OHZ
WE
D
OUT
OE
CE
t
CW
(11)
t
WP
(2)
t
AW
t
AS
(4,10)
D
IN
t
DW
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
6


Similar Part No. - UC62WV0256BI-70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Similar Description - UC62WV0256BI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com