Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL30109QDG Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # ZL30109QDG
Description  DS1/E1 System Synchronizer with 19.44 MHz Output
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30109QDG Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button ZL30109QDG Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL30109QDG Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ZL30109
Data Sheet
7
Zarlink Semiconductor Inc.
19
RST
Reset (Input). A logic low at this input resets the device. On power up, the RST pin
must be held low for a minimum of 300 ns after the power supply pins have reached
the minimum supply voltage. When the RST pin goes high, the device will transition
into a Reset state for 3 ms. In the Reset state all outputs will be forced into high
impedance.
20
OSCo
Oscillator Master Clock (Output). For crystal operation, a 20 MHz crystal is connected
from this pin to OSCi. This output is not suitable for driving other devices. For clock
oscillator operation, this pin must be left unconnected.
21
OSCi
Oscillator Master Clock (Input). For crystal operation, a 20 MHz crystal is connected
from this pin to OSCo. For clock oscillator operation, this pin must be connected to a
clock source.
22
IC
Internal Connection. Leave unconnected.
23
GND
Ground. 0V.
24
NC
No internal bonding Connection. Leave unconnected.
25
VDD
Positive Supply Voltage. +3.3 VDC nominal.
26
OUT_SEL
Output Selection (Input).This input selects the signals on the combined output clock
and frame pulse pins, see Table 3 on page 17.
27
IC
Internal Connection. Connect this pin to ground.
28
IC
Internal Connection. Connect this pin to ground.
29
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal.
30
NC
No internal bonding Connection. Leave unconnected.
31
NC
No internal bonding Connection. Leave unconnected.
32
C1.5o
Clock 1.544 MHz (Output). This output is used in DS1 applications.
This clock output pad includes a Schmitt input which serves as a PLL feedback path;
proper transmission-line termination should be applied to maintain reflections below
Schmitt trigger levels.
33
AGND
Analog Ground. 0 V
34
AGND
Analog Ground. 0 V
35
AVCORE
Positive Analog Supply Voltage. +1.8 VDC nominal.
36
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal.
37
AVDD
Positive Analog Supply Voltage. +3.3 VDC nominal.
38
F2ko
Multi Frame Pulse (Output). This is a 2 kHz 51 ns active high framing pulse, which
marks the beginning of a multi frame.
This clock output pad includes a Schmitt input which serves as a PLL feedback path;
proper transmission-line termination should be applied to maintain reflections below
Schmitt trigger levels.
Pin Description (continued)
Pin #
Name
Description


Similar Part No. - ZL30109QDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30109QDG ZARLINK-ZL30109QDG Datasheet
786Kb / 37P
   DS1/E1 System Synchronizer with
ZL30109QDG1 ZARLINK-ZL30109QDG1 Datasheet
786Kb / 37P
   DS1/E1 System Synchronizer with
More results

Similar Description - ZL30109QDG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30109 ZARLINK-ZL30109_05 Datasheet
786Kb / 37P
   DS1/E1 System Synchronizer with
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
   T1/E1 System Synchronizer with Holdover
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30102 ZARLINK-ZL30102_05 Datasheet
988Kb / 48P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
ZL30102 ZARLINK-ZL30102 Datasheet
481Kb / 50P
   T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com