Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG403-86G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AG403-86G
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AG403-86G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AG403-86G Datasheet HTML 1Page - List of Unclassifed Manufacturers AG403-86G Datasheet HTML 2Page - List of Unclassifed Manufacturers AG403-86G Datasheet HTML 3Page - List of Unclassifed Manufacturers AG403-86G Datasheet HTML 4Page - List of Unclassifed Manufacturers AG403-86G Datasheet HTML 5Page - List of Unclassifed Manufacturers AG403-86G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 6 March 2005
AG403-86
InGaP HBT Gain Block
Product Information
The Communications Edge TM
Product Features
x DC – 6000 MHz
x +18 dBm P1dB at 900 MHz
x +31.5 dBm OIP3 at 900 MHz
x 20.5 dB Gain at 900 MHz
x Single Voltage Supply
x Green SOT-86 SMT Package
x Internally matched to 50 :
Applications
x Mobile Infrastructure
x CATV / DBS
x W-LAN / ISM
x RFID
x Defense / Homeland Security
x Fixed Wireless
Product Description
The AG403-86 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 900 MHz, the AG403-86 typically provides
20.5 dB gain, +31.5 dBm OIP3, and +18 dBm P1dB. The
device combines dependable performance with consistent
quality to maintain MTTF values exceeding 100 years at
mounting temperatures of +85
qC & is housed in a SOT-86
industry-standard SMT lead-free/green/RoHS-compliant
package.
The AG403-86 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the AG403-86 will work for other various applications
within the DC to 6 GHz frequency range such as CATV
and fixed wireless.
Functional Diagram
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications (1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
6000
Test Frequency
MHz
900
Gain
dB
20.3
Input Return Loss
dB
19
Output Return Loss
dB
21
Output IP3 (2)
dBm
+31.4
Output IP2
dBm
+44
Output P1dB
dBm
+17.8
Noise Figure
dB
3.0
Test Frequency
MHz
1900
Gain
dB
17.1
18.1
19.1
Output IP3 (2)
dBm
+28.5
Output P1dB
dBm
+16.0
Device Voltage
V
4.91
Device Current
mA
60
1. Test conditions: T = 25º C, Supply Voltage = +6 V, Rbias = 18.2 , 50 System.
2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. The junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Typical Performance (1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
21.0
20.3
18.1
17.5
S11
dB
-18
-19
-19
-19
S22
dB
-25
-21
-15
-13
Output P1dB
dBm
+17.8
+17.8
+16.0
+15.2
Output IP3
dBm
+32.6
+31.4
+28.5
+27.7
Noise Figure
dB
3.0
3.0
3.1
3.2
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-55 to +125
qC
DC Voltage
+6.2 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+250
q C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
AG403-86
InGaP HBT Gain Block
(lead-tin SOT-86 Pkg)
AG403-86G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-86 Pkg)
AG403-86PCB
700 – 2400 MHz Fully Assembled Eval. Board
RF Out
RF In
GND
GND
1
2
3
4


Similar Part No. - AG403-86G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG403-86G WJCI-AG403-86G Datasheet
486Kb / 6P
   InGaP HBT Gain Block
AG403-86G WJCI-AG403-86G Datasheet
435Kb / 6P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG403-86G TRIQUINT-AG403-86G Datasheet
210Kb / 5P
   Lead-free/green/RoHS-compliant SOT-86 package
More results

Similar Description - AG403-86G

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com