Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE7157 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7157
Description  Integrated Circuit Low Frequency Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7157 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7157 Datasheet HTML 1Page - NTE Electronics NTE7157 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VCC = 9V, RL = 4Ω, Rg = 600Ω, f = 1kHz, TA = +25°C unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCQ
Vin = 0
21
45
mA
Output Power
Pout
THD = 10%
2.0
2.5
W
THD = 10%, RL = 3Ω
3.0
W
Total Harmonic Distortion
THD
Pout = 0.4W/Ch
0.2
1.0
%
Voltage Gain
GV
Rf = 120Ω, Vout = 0.775Vrms (0dBm)
43
45
47
dB
Rf = 0Ω, Vout = 0.775Vrms (0dBm)
56.5
dB
Input Resistance
RIN
30
k
Output Noise Voltage
Vno
Rg = 10kΩ, BW = 20Hz to 20kHz
0.3
1.0
mVrms
Ripple Rejection Ratio
RR
Rg = 600Ω, fripple = 100Hz
–52
dB
Crosstalk
CT
Rg = 600Ω, Vout = 0.775Vrms (0dBm)
–50
dB
Input Offset Voltage
V6, V7
30
60
mV
Stand–By Current
Istb
SW1
→ OFF
1
µA
VCC1
VCC2
Pin Connection Diagram
Pre–GND
NF 2
Ripple
Input 2
Bootstrap 2
NF 1
Input 1
Bootstrap 1
Output 1
1
2
3
6
7
8
16
15
14
Output 2
11
10
9
PW–GND
PW–GND
.202 (5.12)
.100 (2.54)
.254 (6.45)
18
16
9
.138
(3.5)
.770 (19.5)
Max
.700 (17.78)
.141
(3.6)
.168 (4.26) Max
.300 (7.62)


Similar Part No. - NTE7157

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE715 NTE-NTE715 Datasheet
24Kb / 2P
   Integrated Circuit TV Chroma IF Amp
NTE7150 NTE-NTE7150 Datasheet
59Kb / 8P
   Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE7153 NTE-NTE7153 Datasheet
27Kb / 2P
   Integrated Circuit Vertical Deflection Output Circuit
More results

Similar Description - NTE7157

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA8207K KEC-KIA8207K Datasheet
205Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW FREQUENCY POWER AMPLIFIER)
logo
NTE Electronics
NTE928M NTE-NTE928M Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
logo
Panasonic Semiconductor
AN7135 PANASONIC-AN7135 Datasheet
60Kb / 4P
   Dual 7.5W Low Frequency Power Amplifier Circuit
logo
NTE Electronics
NTE7155 NTE-NTE7155 Datasheet
33Kb / 3P
   Integrated Circuit Dual Low-Voltage Power Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE1468 NTE-NTE1468 Datasheet
21Kb / 2P
   Integrated Circuit Audio, Low Power Output Amplifier
NTE887M NTE-NTE887M Datasheet
28Kb / 3P
   Integrated Circuit Low Power, JFET OP Amplifier
NTE888M NTE-NTE888M Datasheet
25Kb / 3P
   Integrated Circuit Low Power Programmable Operational Amplifier
NTE906 NTE-NTE906 Datasheet
30Kb / 3P
   Integrated Circuit Dual, High Frequency, Differential Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com