Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC500S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC500S
Description  Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATC500S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC500S Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ATC 500 Series Broadband 0603 NPO Capacitors
ATC 500 S BROADBAND 0603 CAPACITORS: MECHANICAL CONFIGURATIONS
2
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
MECHANICAL DIMENSIONS – INCHES (mm)
Length (L)
L1
Width (W)
Thickness (T)
Gap (G)
.060 ±.005
(1.52 ±.127)
.025 (.635)
nom.
.030 ±.005
(.762 ±.127)
.024 (.609)
max.
.010 (.254)
min.
11
L
L
L
G
T
W
12
ENVIRONMENTAL TESTS
ATC 500 S Series Broadband Microwave Capacitors are designed
and manufactured to meet and exceed the applicable requirements
of MIL-C-55681.
THERMAL SHOCK:
MIL-STD-202, Method 107, Condition A.
MOISTURE RESISTANCE:
MIL-STD-202, Method 106.
LOW VOLTAGE HUMIDITY:
MIL-STD-202, Method 103, Condition A, with 1.5 Volts D.C. applied
while subjected to an environment of 85°C with 85% relative
humidity for 250 ±12 hours.
LIFE TEST:
MIL-STD-202, Method 108, for 2000 hours, at 125°C.
200% WVDC applied.
ELECTRICAL AND MECHANICAL
SPECIFICATIONS
QUALITY FACTOR (Q):
Greater than 1,000 @ 1 MHz.
TEMPERATURE COEFFICIENT OF CAPACITANCE (T.C.):
0 ±30 PPM/°C (–55°C to +125°C) (0.1 pF to 2.2 pF)
0 ±60 PPM/°C (–55°C to +125°C) (2.4 pF to 10 pF)
INSULATION RESISTANCE (IR):
0.1 pF to 10 pF:
105 Megohms min. @ +25°C @ rated WVDC.
104 Megohms min. @ +125°C @ rated WVDC.
WORKING VOLTAGE (WVDC):
100 WVDC (0.1 pF to 4.7 pF)
50 WVDC (5.1 pF to 10 pF)
DIELECTRIC WITHSTANDING VOLTAGE (DWV):
200% of rated WVDC for 5 secs.
OPERATING TEMPERATURE RANGE:
From –55°C to +125°C (No derating of working voltage).
TERMINATION: Chip style suitable for surface mounting.
Platinum with gold flash.
Die Shear Strength Test per MIL-STD-883, Method 2019.


Similar Part No. - ATC500S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC500S ETC2-ATC500S Datasheet
288Kb / 8P
   Ultra High Self Resonance
More results

Similar Description - ATC500S

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
   BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
   Millimeter Wave Switch Matrix
REV. A
RC-2MTS-50 MINI-RC-2MTS-50 Datasheet
832Kb / 7P
   Millimeter Wave Switch Matrix
REV. A
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
   Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
logo
Communications & Power ...
VTA-6430A1 CPI-VTA-6430A1 Datasheet
102Kb / 2P
   Millimeter Wave Coupled Cavity TWT
logo
List of Unclassifed Man...
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
logo
Marki Microwave
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
   GaAs MMIC Millimeter Wave Doubler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com