Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1001A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA1001A
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA1001A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA1001A Datasheet HTML 1Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 2Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 3Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 4Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 5Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 6Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 7Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 8Page - List of Unclassifed Manufacturers PA1001A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PA1001A – 7/02
Page 2 of 11
SIGNAL CONDITIONER &
CONVERTERS
PA1001A Series
INTRODUCTION:
The PA1001A series preamplifiers/signal conditioners and converters are suitable for use
with either magnetic or RF type pickup coils and allow convenient interfacing with process
measuring devices and digital electronics.
When used with Magnetic type pickups they accept low level signals and produces a pulse
output, while providing rejection of unwanted noise and false signals.
A RF type pickup reduces the pickup drag associated with conventional magnetic pickups,
resulting in a significant increase in the usable range. The PA1001A series excite a RF type
pickup with a 20KHz signal. Motion of ferrous material is sensed and the motion modulates
the coil field and subsequent conditioning provides a pulse output signal.
The output signal of the PA1001A series have a square pulse wave form, each pulse
representative of an actuator (rotor blade, gear tooth, turbine blade, etc.) passing by the
sensing area of the pickup.
Four output signal options are available:
i.
TTL/CMOS compatible
ii.
Open collector
iii.
0 to 10VDC square wave and
iv.
A square wave that is tied to the input power
.
The unit is powered by a user supplied 8 to 30 VDC filtered power supply. An on-board
regulator provides the required regulation and noise rejection.
Optional features include factory installed pulse scaling and field installable plug in modules
for Analog output. Pulse scaling provides the user with scaling options of
÷2, ÷4, ÷8, ÷16,
÷32, ÷64, or ÷128, which is useful when a remote device has a maximum count speed that
is less than the pulse-generating device. Analog output provides a current and voltage
outputs proportional to RPM, flow rate etc.


Similar Part No. - PA1001A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA1001A ETC1-PA1001A Datasheet
192Kb / 3P
   TRANSISTOR
More results

Similar Description - PA1001A

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com