Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G3157GV Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G3157GV
Description  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157GV Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G3157GV Datasheet HTML 1Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 2Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The 74LVC1G3157 is a high-performance, low-power, low-voltage, Si-gate CMOS device
that provides superior performance to most advanced CMOS compatible TTL families.
The 74LVC1G3157 provides one analog multiplexer/demultiplexer with one digital select
input (S), two independent inputs/outputs (B1 and B2) and a common input/output (A).
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s Very low ON-resistance:
x 7.5
Ω (typical) at V
CC = 2.7 V
x 6.5
Ω (typical) at V
CC = 3.3 V
x 6
Ω (typical) at V
CC =5V
s Break-before-make switching
s High noise immunity
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V
s CMOS low-power consumption
s Latch-up performance meets requirements of JESD 78 Class I
s Direct interface with TTL levels
s Control input accepts voltages up to 5 V
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
3.
Quick reference data
74LVC1G3157
2-channel analog multiplexer/demultiplexer
Rev. 01 — 7 February 2005
Product data sheet
Table 1:
Quick reference data
GND = 0 V; tr =tf ≤ 2.5 ns; minimum and maximum values at Tamb = −40 °C to +85 °C; typical
values at Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPZH, tPZL
turn-on time S to Bn
CL = 50 pF; RL = 500 Ω
VCC = 3.3 V
0.5
4.0
5.5
ns
VCC = 5.0 V
0.5
3.0
4.0
ns
tPHZ, tPLZ
turn-off time S to Bn
CL = 50 pF; RL = 500 Ω
VCC = 3.3 V
0.5
3.6
4.5
ns
VCC = 5.0 V
0.8
2.9
3.5
ns


Similar Part No. - 74LVC1G3157GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G3157GV NXP-74LVC1G3157GV Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
74LVC1G3157GV PHILIPS-74LVC1G3157GV Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GV NEXPERIA-74LVC1G3157GV Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GV-Q100 NEXPERIA-74LVC1G3157GV-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Similar Description - 74LVC1G3157GV

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com