Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8186 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8186
Description  480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8186 Datasheet(HTML) 5 Page - Analog Devices

  AD8186 Datasheet HTML 1Page - Analog Devices AD8186 Datasheet HTML 2Page - Analog Devices AD8186 Datasheet HTML 3Page - Analog Devices AD8186 Datasheet HTML 4Page - Analog Devices AD8186 Datasheet HTML 5Page - Analog Devices AD8186 Datasheet HTML 6Page - Analog Devices AD8186 Datasheet HTML 7Page - Analog Devices AD8186 Datasheet HTML 8Page - Analog Devices AD8186 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
AD8186/AD8187
–5–
Typical Performance Characteristics–
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
0.6
0.5
0.4
0.3
0.2
0.1
–0.1
–0.2
–0.3
0
3
2
1
0
–1
–2
–3
–4
–5
–6
DUT
976
50
52.3
FLATNESS
GAIN
10000.0
TPC 1. AD8186 Frequency Response,
VOUT = 200 mV p-p, RL = 1 k
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
1
0
–1
–2
–3
–4
–5
–6
–7
–8
DUT
150
976
50
52.3
TPC 2. AD8186 Frequency Response,
VOUT = 2 V p-p, RL = 1 k
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
1
0
–1
–2
–3
–4
–5
–6
+85 C
+25 C
–40 C
DUT
150
976
50
52.3
TPC 3. AD8186 Large Signal Bandwidth vs.
Temperature, VOUT = 2 V p-p, RL = 1 k
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
10000.0
1
0
–1
–2
–3
–4
–5
–6
FLATNESS
GAIN
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
TPC 4. AD8187 Frequency Response,
VOUT = 200 mV p-p, RL = 150
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
1
0
–1
–2
–3
–4
–5
–6
TPC 5. AD8187 Frequency Response,
VOUT = 2 V p-p, RL = 150
FREQUENCY (MHz)
0.1
1.0
10.0
100.0
1000.0
1
0
–1
–2
–3
–4
–5
–6
+25 C
–40 C
+85 C
TPC 6. AD8187 Large Signal Bandwidth vs.
Temperature, VOUT = 2 V p-p, RL = 150


Similar Part No. - AD8186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186 AD-AD8186 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186-EVAL AD-AD8186-EVAL Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186ARU AD-AD8186ARU Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
More results

Similar Description - AD8186

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
   480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
   480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
   480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
AD8188 AD-AD8188 Datasheet
825Kb / 24P
   350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. 0
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8188 AD-AD8188_15 Datasheet
826Kb / 24P
   350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
   Triple 2 1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
   Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com