Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8353 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8353
Description  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353 Datasheet(HTML) 2 Page - Analog Devices

  AD8353 Datasheet HTML 1Page - Analog Devices AD8353 Datasheet HTML 2Page - Analog Devices AD8353 Datasheet HTML 3Page - Analog Devices AD8353 Datasheet HTML 4Page - Analog Devices AD8353 Datasheet HTML 5Page - Analog Devices AD8353 Datasheet HTML 6Page - Analog Devices AD8353 Datasheet HTML 7Page - Analog Devices AD8353 Datasheet HTML 8Page - Analog Devices AD8353 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. 0
–2–
AD8353–SPECIFICATIONS
Parameters
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
0.1
2.7
GHz
Gain
f = 900 MHz
19.8
dB
f = 1.9 GHz
17.7
dB
f = 2.7 GHz
15.6
dB
Delta Gain
f = 900 MHz, –40
°C
TA
+85
°C
–0.97
dB
f = 1.9 GHz, –40
°C
TA
+85
°C
–1.15
dB
f = 2.7 GHz, –40
°C
TA
+85
°C
–1.34
dB
Gain Supply Sensitivity
VPOS
± 10%, f = 900 MHz
0.04
dB/V
f = 1.9 GHz
–0.004
dB/V
f = 2.7 GHz
–0.04
dB/V
Reverse Isolation (S12)
f = 900 MHz
–35.6
dB
f = 1.9 GHz
–34.9
dB
f = 2.7 GHz
–30.3
dB
RF INPUT INTERFACE
Pin RFIN
Input Return Loss
f = 900 MHz
22.3
dB
f = 1.9 GHz
20.9
dB
f = 2.7 GHz
11.2
dB
RF OUTPUT INTERFACE
Pin VOUT
Output Compression Point
f = 900 MHz, 1 dB compression
9.1
dBm
f = 1.9 GHz
8.4
dBm
f = 2.7 GHz
7.6
dBm
Delta Compression Point
f = 900 MHz, –40
°C
TA
+85
°C
–1.46
dB
f = 1.9 GHz, –40
°C
TA
+85
°C
–1.17
dB
f = 2.7 GHz, –40
°C
TA
+85
°C–1
dB
Output Return Loss
f = 900 MHz
26.3
dB
f = 1.9 GHz
16.9
dB
f = 2.7 GHz
13.3
dB
DISTORTION/NOISE
Output Third Order Intercept
f = 900 MHz,
f = 1 MHz, PIN = –28 dBm
23.6
dBm
f = 1.9 GHz,
f = 1 MHz, PIN = –28 dBm
20.8
dBm
f = 2.7 GHz,
f = 1 MHz, PIN = –28 dBm
19.5
dBm
Output Second Order Intercept
f = 900 MHz,
f = 1 MHz, PIN = –28 dBm
31.6
dBm
Noise Figure
f = 900 MHz
5.3
dB
f = 1.9 GHz
6
dB
f = 2.7 GHz
6.8
dB
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
3
3.3
V
Total Supply Current
35
41
48
mA
Supply Voltage Sensitivity
15.3
mA/V
Temperature Sensitivity
–40
°C
TA
+85
°C60
A/
°C
(VS = 3 V, TA = 25 C, 100 nH external inductor between VOUT and VPOS, ZO = 50
,
unless otherwise noted.)
Specifications subject to change without notice.


Similar Part No. - AD8353

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353 Datasheet
345Kb / 16P
   RF Gain Block
AD8353-EVAL AD-AD8353-EVAL Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
AD8353ACP-R2 AD-AD8353ACP-R2 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
More results

Similar Description - AD8353

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com