Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6405 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA6405
Description  12/24V SYSTEM POWER SUPPLY IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6405 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA6405 Datasheet HTML 3Page - ATMEL Corporation ATA6405 Datasheet HTML 4Page - ATMEL Corporation ATA6405 Datasheet HTML 5Page - ATMEL Corporation ATA6405 Datasheet HTML 6Page - ATMEL Corporation ATA6405 Datasheet HTML 7Page - ATMEL Corporation ATA6405 Datasheet HTML 8Page - ATMEL Corporation ATA6405 Datasheet HTML 9Page - ATMEL Corporation ATA6405 Datasheet HTML 10Page - ATMEL Corporation ATA6405 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ATA6405 [Preliminary]
4737B–AUTO–08/04
Detailed Description of the
Watchdog Function
Figure 2. Watchdog Sequence
WD sequence (typically): t
1 = 8.0 ms
t
2 = 6.4 ms
After completion of the reset function (low/high slope on NRES) a lead time t
d follows
(e.g. for setups) of typically 40 µs before the actual watchdog sequence begins. Times t
1
and t
2 form a part of the watchdog sequence and assume a fixed relationship to one
another. A triggering signal from the microcontroller is anticipated within the timeframe
of t
2 (6.4 ms). Of decisive importance in this case is the low/high slope after the mini-
mum dwell time t
trig of typically 40 µs. This slope serves to restart the watchdog
sequence. Should the triggering signal fail to emerge, the NRES output will be drawn on
ground potential applying the time duration t
res of typically 10 ms. A reset situation is
likewise unleashed if the triggering signal emerges within the timeframe of t
1 (8 ms) or
alternatively if t
trig exceeds the time of 100 µs.
An example of how the above time values are defined is given in the first variant. How-
ever, the time values can, on principle, be selected by the mask function. A 6-bit counter
is available for t
trig and a 16-bit counter for td, t1, t2, tres. In the same way, orientation of
the trigger pulse (low- or high-active) is selectable by the mask function.
The original time basis is defaulted by the internal oscillator. The time basis T
wd for the
watchdog is obtained by applying a division ratio of 1:4. All the times indicated above
are multiples of T
wd.
Oscillator cycle duration:
T
osc = 1/fosc = 1/400 kHz ±Tol. = 2.50 µs ±Tol.
Time basis for watchdog:
T
wd = 4 x Tosc = 10 µs (typical)
The above time values and oscillator tolerances result in a typical triggering frequency
based on T = 10.56 ms ±0.94 ms.
NRES
NTRIG
t
d
t
1
t
2
t
1
t
2
t
res
t
d
t
trig


Similar Part No. - ATA6405

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6020N ATMEL-ATA6020N Datasheet
868Kb / 66P
   Low-current Microcontroller for Watchdog Function
ATA6020N ATMEL-ATA6020N Datasheet
941Kb / 69P
   Low-current Microcontroller for Watchdog Function
ATA6020N ATMEL-ATA6020N Datasheet
44Kb / 3P
   MARC4 4-bit Microcontrollers
ATA6020N ATMEL-ATA6020N_05 Datasheet
941Kb / 69P
   Low-current Microcontroller for Watchdog Function
ATA6020N ATMEL-ATA6020N_14 Datasheet
3Mb / 68P
   Low-current Microcontroller for Watchdog Function
More results

Similar Description - ATA6405

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
Fujitsu Component Limit...
MB3829 FUJITSU-MB3829 Datasheet
442Kb / 24P
   System Power Supply IC for Mobile Telephone
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
logo
Toshiba Semiconductor
TA8161F TOSHIBA-TA8161F Datasheet
333Kb / 8P
   DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY
logo
Rohm
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com