Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5S16861TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # B5S16861TTR
Description  20-BIT TWO PORT BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B5S16861TTR Datasheet(HTML) 5 Page - STMicroelectronics

  B5S16861TTR Datasheet HTML 1Page - STMicroelectronics B5S16861TTR Datasheet HTML 2Page - STMicroelectronics B5S16861TTR Datasheet HTML 3Page - STMicroelectronics B5S16861TTR Datasheet HTML 4Page - STMicroelectronics B5S16861TTR Datasheet HTML 5Page - STMicroelectronics B5S16861TTR Datasheet HTML 6Page - STMicroelectronics B5S16861TTR Datasheet HTML 7Page - STMicroelectronics B5S16861TTR Datasheet HTML 8Page - STMicroelectronics B5S16861TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
B5S16861
5/10
Table 8: Capacitance Characteristics
Figure 4: Test Circuit
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25 °C
Min.
Typ.
Max.
CIN
Input Capacitance at Control
Pin
4pF
CI/O
Input Capacitance at I/O Pin
5.0
nG=VCC
5.5
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
7V
tPZH, tPHZ
Open


Similar Part No. - B5S16861TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B5S16862 STMICROELECTRONICS-B5S16862 Datasheet
207Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
B5S16862TTR STMICROELECTRONICS-B5S16862TTR Datasheet
207Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
More results

Similar Description - B5S16861TTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST1632861 IDT-IDT74FST1632861 Datasheet
78Kb / 6P
   20-BIT, TWO PORT BUS SWITCH WITH RESISTOR
logo
STMicroelectronics
B5S16862 STMICROELECTRONICS-B5S16862 Datasheet
207Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH FOUR ENABLE CONTROL
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16861 PERICOM-PI5C16861 Datasheet
374Kb / 5P
   20-Bit, 2-Port Bus Switch
PI5C16210 PERICOM-PI5C16210 Datasheet
78Kb / 6P
   20-Bit, 2-Port Bus Switch
PI5C32X384 PERICOM-PI5C32X384 Datasheet
327Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16861A POTATO-PO3B16861A_14 Datasheet
1,007Kb / 5P
   20-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16861 PERICOM-PI5C16861_10 Datasheet
519Kb / 4P
   20-Bit, 2-Port Bus Switch
logo
STMicroelectronics
B5S162861 STMICROELECTRONICS-B5S162861 Datasheet
197Kb / 9P
   20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com