Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLL1214-35 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLL1214-35
Description  L-band radar LDMOS driver transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLL1214-35 Datasheet(HTML) 6 Page - NXP Semiconductors

  BLL1214-35 Datasheet HTML 1Page - NXP Semiconductors BLL1214-35 Datasheet HTML 2Page - NXP Semiconductors BLL1214-35 Datasheet HTML 3Page - NXP Semiconductors BLL1214-35 Datasheet HTML 4Page - NXP Semiconductors BLL1214-35 Datasheet HTML 5Page - NXP Semiconductors BLL1214-35 Datasheet HTML 6Page - NXP Semiconductors BLL1214-35 Datasheet HTML 7Page - NXP Semiconductors BLL1214-35 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2002 Sep 27
6
Philips Semiconductors
Product specification
L-band radar LDMOS driver transistor
BLL1214-35
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT467C
99-12-06
99-12-28
0
5
10 mm
scale
Flanged LDMOST ceramic package; 2 mounting holes; 2 leads
0.15
0.10
5.59
5.33
9.25
9.04
1.65
1.40
18.54
17.02
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
3.43
3.18
4.67
3.94
2.21
1.96
D
D1
U1
1
3
2
A
U2
E
E1
p
b
H
Q
F
c
UNIT
Q
cD
9.27
9.02
D1
5.92
5.77
E
5.97
5.72
E1
FH
p
q
mm
0.184
0.155
inch
b
14.27
20.45
20.19
U2
U1
5.97
5.72
0.25
w1
0.51
0.006
0.004
0.220
0.210
0.364
0.356
0.065
0.055
0.73
0.67
0.135
0.125
0.087
0.077
0.365
0.355
0.233
0.227
0.235
0.225
0.562
0.805
0.795
0.235
0.225
0.010
0.020
w2
A
M
M
C
C
A
w1
w2
AB
M
M
M
q
B
SOT467C


Similar Part No. - BLL1214-35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL1214-35 NXP-BLL1214-35 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLL1214-35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLL1214-250 PHILIPS-BLL1214-250 Datasheet
79Kb / 10P
   L-band radar LDMOS transistor
2003 Aug 29
BLL8H1214L-250 PHILIPS-BLL8H1214L-250_15 Datasheet
160Kb / 13P
   LDMOS L-band radar power transistor
Rev. 2-13 January 2015
logo
Ampleon Netherlands B.V...
BLL8H1214L-250 AMPLEON-BLL8H1214L-250 Datasheet
941Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLL1214-250R NXP-BLL1214-250R Datasheet
142Kb / 12P
   LDMOS L-band radar power transistor
Rev. 01-4 February 2010
logo
Ampleon Netherlands B.V...
BLL6H1214-500 AMPLEON-BLL6H1214-500 Datasheet
1Mb / 21P
   LDMOS L-band radar power transistor
Rev. 4 ??1 September 2015
logo
NXP Semiconductors
BLL6H1214 PHILIPS-BLL6H1214_15 Datasheet
367Kb / 21P
   LDMOS L-band radar power transistor
Rev. 3-5 August 2013
BLL6H1214-500 NXP-BLL6H1214-500 Datasheet
201Kb / 20P
   LDMOS L-band radar power transistor
Rev. 02-1 April 2010
BLL6H1214L PHILIPS-BLL6H1214L_15 Datasheet
311Kb / 13P
   LDMOS L-band radar power transistor
Rev. 3-14 July 2010
logo
Ampleon Netherlands B.V...
BLL6G1214L-250 AMPLEON-BLL6G1214L-250 Datasheet
1Mb / 13P
   LDMOS L-band radar power transistor
Rev. 3 ??28 January 2016
logo
NXP Semiconductors
BLL8H1214L-500 PHILIPS-BLL8H1214L-500_15 Datasheet
247Kb / 20P
   LDMOS L-band radar power transistor
Rev. 2-9 February 2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com