Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6676AS Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDS6676AS
Description  30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6676AS Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDS6676AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 7Page - Fairchild Semiconductor FDS6676AS Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FDS6676AS Rev. A (X)
Typical Characteristics
0
10
20
30
40
50
0
0.25
0.5
0.75
1
VDS, DRAIN-SOURCE VOLTAGE (V)
2.5V
3.5V
V
GS = 10V
4.5V
3.0V
6.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
010
20
3040
50
I
D, DRAIN CURRENT (A)
V
GS = 3.0V
4.5V
3.5V
4.0V
10V
6.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
-55
-35
-15
5
25
45
65
85
105
125
T
J, JUNCTION TEMPERATURE (
oC)
I
D = 14.5A
V
GS =10V
0.004
0.006
0.008
0.01
0.012
0.014
0.016
246
8
10
V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = 7.3 A
T
A = 125° C
T
A = 25°C
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
10
20
30
40
50
1
1.5
2
2.5
3
3.5
V
GS, GATE TO SOURCE VOLTAGE (V)
T
A = 125° C
25
°C
-55
°C
V
DS = 5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
V
SD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125° C
25
°C
-55
°C
V
GS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDS6676AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6676AS FAIRCHILD-FDS6676AS Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
logo
Guangdong Youtai Semico...
FDS6676AS UMW-FDS6676AS Datasheet
480Kb / 8P
   30V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_NL FAIRCHILD-FDS6676AS_NL Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
More results

Similar Description - FDS6676AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com