Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC41C4400X Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41C4400X
Description  4Mx4 bit Dynamic RAM with EDO Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C4400X Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41C4400X Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C4400X Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IC41C4400x and IC41LV4400x Series
8
Integrated Circuit Solution Inc.
DR007-0B 10/17/2002
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
50
-
60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tACH
Column-Address Setup Time to
CAS
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
10
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
ns
tDH
Data-In Hold Time(15, 22)
8
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
108
133
ns
tRWD
RAS to WE Delay Time during
64
77
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
32
ns
tAWD
Column-Address to
WE Delay Time(14)
39
47
ns
tPC
EDO Page Mode READ or WRITE
20
25
ns
Cycle Time
tRASP
RAS Pulse Width in EDO Page Mode
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
30
35
ns
tPRWC
EDO Page Mode READ-WRITE
56
68
ns
Cycle Time
tCOH
Data Output Hold after
CAS LOW
5
5
ns
tOFF
Output Buffer Turn-Off Delay from
0
12
0
15
ns
CAS or RAS(13,15,19, 24)
tWHZ
Output Disable Delay from
WE
310
3
10
ns
tCSR
CAS Setup Time (CBR REFRESH)(20, 25)
5
5
ns
tCHR
CAS Hold Time (CBR REFRESH)( 21, 25)
8
10
ns
tORD
OE Setup Time prior to RAS during
0
0
ns
HIDDEN REFRESH Cycle
tREF
Auto Refresh Period
2,048 Cycles
32
32
ms
4,096 Cycles
64
64
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF
Input timing reference levels: VIH = 2.4V, VIL = 0.8V
Output timing reference levels: VOH = 2.0V, VOL = 0.8V


Similar Part No. - IC41C4400X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C44002A ICSI-IC41C44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-50J ICSI-IC41C44002A-50J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-50T ICSI-IC41C44002A-50T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-60J ICSI-IC41C44002A-60J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C44002A-60T ICSI-IC41C44002A-60T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41C4400X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com