Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS41C44002 Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS41C44002
Description  4Mx4 bit Dynamic RAM with EDO Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C44002 Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS41C44002 Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41C44002 Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IC41C4400x and IC41LV4400x Series
Integrated Circuit Solution Inc.
7
DR007-0B 10/17/2002
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-
50
-
60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
84
104
ns
tRAC
Access Time from
RAS(6, 7)
50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
13
15
ns
tAA
Access Time from Column-Address(6)
25
30
ns
tRAS
RAS Pulse Width
50
10K
60
10K
ns
tRP
RAS Precharge Time
30
40
ns
tCAS
CAS Pulse Width(23)
8
10K
10
10K
ns
tCP
CAS Precharge Time(9)
9
9
ns
tCSH
CAS Hold Time (21)
38
40
ns
tRCD
RAS to CAS Delay Time(10, 20)
12
37
14
45
ns
tASR
Row-Address Setup Time
0
0
ns
tRAH
Row-Address Hold Time
8
10
ns
tASC
Column-Address Setup Time(20)
0
0
ns
tCAH
Column-Address Hold Time(20)
8
10
ns
tAR
Column-Address Hold Time
30
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
25
12
30
ns
tRAL
Column-Address to
RAS Lead Time
25
30
ns
tRPC
RAS to CAS Precharge Time
5
5
ns
tRSH
RAS Hold Time
8
10
ns
tRHCP
RAS Hold Time from CAS Precharge
30
35
ns
tCLZ
CAS to Output in Low-Z(15, 24)
0
0
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
ns
tOD
Output Disable Time(19, 24)
315
3
15
ns
tOE
Output Enable Time(15, 16)
12
15
ns
tOED
Output Enable Data Delay (Write)
12
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
5
5
ns
tOEP
OE HIGH Pulse Width
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
ns
tRRH
Read Command Hold Time
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
8
10
ns
tWCR
Write Command Hold Time
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
8
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
7
7
ns
tRWL
Write Command to
RAS Lead Time(17)
13
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8
10
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
39
ns


Similar Part No. - IS41C44002

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C44002 ISSI-IS41C44002 Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C44002-50J ISSI-IS41C44002-50J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C44002-50JI ISSI-IS41C44002-50JI Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C44002-60J ISSI-IS41C44002-60J Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C44002-60JI ISSI-IS41C44002-60JI Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C44002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C44054 ICSI-IC41C44054 Datasheet
309Kb / 18P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com