Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN74ACT00 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74ACT00
Description  Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT00 Datasheet(HTML) 3 Page - Integral Corp.

  IN74ACT00 Datasheet HTML 1Page - Integral Corp. IN74ACT00 Datasheet HTML 2Page - Integral Corp. IN74ACT00 Datasheet HTML 3Page - Integral Corp. IN74ACT00 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74ACT00
9
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limits
Symbol
Parameter
Test Conditions
V
25
°C-40°C to
85
°C
Unit
VIH
Minimum High-Level
Input Voltage
VOUT=0.1 V or VCC-0.1 V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level Input Voltage
VOUT= VCC-0.1 V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum High-Level
Output Voltage
IOUT ≤ -50 µA
4.5
5.5
4.4
5.4
4.4
5.4
V
*V
IN=VIH or VIL
IOH=-24 mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum Low-Level
Output Voltage
IOUT ≤ 50 µA
4.5
5.5
0.1
0.1
0.1
0.1
V
*V
IN=VIH
IOL=24 mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
∆I
CCT
Additional Max
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOLD
+Minimum Dynamic
Output Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum Dynamic
Output Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum Quiescent
Supply Current
(per Package)
VIN=VCC or GND
5.5
4.0
40
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - IN74ACT00

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT02 INTEGRAL-IN74ACT02 Datasheet
209Kb / 5P
   Quad 2-Input NOR Gate
IN74ACT02D INTEGRAL-IN74ACT02D Datasheet
209Kb / 5P
   Quad 2-Input NOR Gate
IN74ACT02N INTEGRAL-IN74ACT02N Datasheet
209Kb / 5P
   Quad 2-Input NOR Gate
IN74ACT04 INTEGRAL-IN74ACT04 Datasheet
137Kb / 4P
   HEX INVERTER
IN74ACT04D INTEGRAL-IN74ACT04D Datasheet
137Kb / 4P
   HEX INVERTER
More results

Similar Description - IN74ACT00

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT00 KODENSHI-KK74ACT00 Datasheet
223Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74AC00 KODENSHI-KK74AC00 Datasheet
224Kb / 5P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT00 SLS-SL74HCT00 Datasheet
33Kb / 4P
   Quad 2-Input NAND Gate(High-Performance Silicon-Gate CMOS)
logo
ON Semiconductor
74HC00 ONSEMI-74HC00 Datasheet
110Kb / 7P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
March, 2007 - Rev. 1
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT00A KODENSHI-KK74HCT00A Datasheet
466Kb / 5P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IN74HC00A INTEGRAL-IN74HC00A Datasheet
71Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
IN74HCT00A INTEGRAL-IN74HCT00A Datasheet
77Kb / 4P
   Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com